Electronic Components Datasheet Search
  English  ▼

X  

MAX923C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX923C/D
Description  Ultra Low-Power, Single/Dual-Supply Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX923C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX923C/D Datasheet HTML 8Page - Maxim Integrated Products MAX923C/D Datasheet HTML 9Page - Maxim Integrated Products MAX923C/D Datasheet HTML 10Page - Maxim Integrated Products MAX923C/D Datasheet HTML 11Page - Maxim Integrated Products MAX923C/D Datasheet HTML 12Page - Maxim Integrated Products MAX923C/D Datasheet HTML 13Page - Maxim Integrated Products MAX923C/D Datasheet HTML 14Page - Maxim Integrated Products MAX923C/D Datasheet HTML 15Page - Maxim Integrated Products MAX923C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Ultra Low-Power,
Single/Dual-Supply Comparators
12
______________________________________________________________________________________
2. Select R1. The leakage current into INB- is normally
under 1nA, so the current through R1 should
exceed 100nA for the thresholds to be accurate. R1
values up to about 10M
Ω can be used, but values in
the 100k
Ω to 1MΩ range are usually easier to deal
with. In this example, choose R1 = 294k
Ω.
3. Calculate R2 + R3. The overvoltage threshold
should be 5.5V when VIN is rising. The design
equation is as follows:
4. Calculate R2. The undervoltage threshold should
be 4.5V when VIN is falling. The design equation is
as follows:
5. Calculate R3.
Choose R3 = 1M
Ω (1% standard value)
6. Verify the resistor values. The equations are as
follows, evaluated for the above example.
Bar-Graph Level Gauge
The high output source capability of the MAX921 series
is useful for driving LEDs. An example of this is the
simple four-stage level detector shown in Figure 7.
The full-scale threshold (all LEDs on) is given by VIN =
(R1 + R2)/R1 volts. The other thresholds are at 3/4 full
scale, 1/2 full scale, and 1/4 full scale. The output
resistors limit the current into the LEDs.
Level Shifter
Figure 8 shows a circuit to shift from bipolar ±5V inputs
to TTL signals. The 10k
Ω resistors protect the
comparator inputs, and do not materially affect the
operation of the circuit.
Overvoltage threshold :
V
(V
V )
(R1
R2
R3)
R1
5.474V.
Undervoltage threshold :
V
(V
V )
(R1
R2
R3)
(R1 + R2)
4.484V,
where the hysteresis voltage V
V
R5
R4
OTH
REF
H
UTH
REF
H
H
REF
=+
×
++
=
=−
×
++
=
=×
.
R3
(R2 + R3)
R2
.068M
6
k
1.006M
=−
=−
=
11 9
.
Ω
R2
(R1 + R2 + R3)
(V
V )
V
R1
(294k + 1.068M)
(1.182
0.005)
4.5
294k
62.2k
Choose R2
61.9k
(1% standard value).
REF
H
UTH
=×
−
−
=×
−
−
=
=
Ω
Ω
R2
R3
R1
V
V
V
1
294k
5.5
(1.182
0.005)
1
1.068M
OTH
REF
H
+=
×
+
−


=×
+
−


=Ω
MAX923
INB-
REF
HYST
INA+
V-
V+
OUTA
OUTB
10k
R5
2.4M
R1
R2
R3
UNDERVOLTAGE
POWER GOOD
OVERVOLTAGE
VIN
VOTH = 5.5V
VUTH = 4.5V
R4
+5V
Figure 6. Window Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com