Electronic Components Datasheet Search
  English  ▼

X  

MAX923C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX923C/D
Description  Ultra Low-Power, Single/Dual-Supply Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX923C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX923C/D Datasheet HTML 1Page - Maxim Integrated Products MAX923C/D Datasheet HTML 2Page - Maxim Integrated Products MAX923C/D Datasheet HTML 3Page - Maxim Integrated Products MAX923C/D Datasheet HTML 4Page - Maxim Integrated Products MAX923C/D Datasheet HTML 5Page - Maxim Integrated Products MAX923C/D Datasheet HTML 6Page - Maxim Integrated Products MAX923C/D Datasheet HTML 7Page - Maxim Integrated Products MAX923C/D Datasheet HTML 8Page - Maxim Integrated Products MAX923C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Ultra Low-Power,
Single/Dual-Supply Comparators
_______________________________________________________________________________________
3
PARAMETER
Voltage Noise
C/E temp. ranges: IOUT = 17mA;
M temp. range: IOUT = 10mA
MIN
TYP
MAX
UNITS
100Hz to 100kHz
100
µVRMS
MAX922/
MAX923
C/E temp. ranges: IOUT = 1.8mA;
M temp. range: IOUT = 1.2mA
C/E temp. ranges: IOUT = 1.8mA;
M temp. range: IOUT = 1.2mA
CONDITIONS
C temp. range
V
Output High Voltage
E temp. range
MAX92_
M temp. range
V+ – 0.4
TA = +25°C
V- + 0.4
V
15
25
µA
C/E temp. ranges
6
Source Current
M temp. range
4
TA = +25°C
GND + 0.4
Output Low Voltage
815
MAX921/
MAX924
µA
X
C/E temp. ranges
4
Sink Current
1.170
1.182
1.194
V
M temp. range
1.158
1.206
Reference Voltage
2
1.147
1.217
ELECTRICAL CHARACTERISTICS: 5V OPERATION (continued)
(V+ = 5V, V- = GND = 0V, TA = TMIN to TMAX, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS: 3V OPERATION
(V+ = 3V, V- = GND = 0V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
MAX923
MIN
TYP
MAX
UNITS
MAX924
7.2
5.2
6.2
MAX921
8.0
Supply Current
HYST = REF,
IN+ = (IN- + 100mV)
IN+ = IN- = 1.5V
10.5
µA
2.4
3.0
MAX922
3.8
4.8
2.4
3.0
Input Offset Voltage
CONDITIONS
M temp. range
±10
mV
TA = +25°C
C/E temp. ranges
M temp. range
±0.01
±5
nA
Input Leakage Current (IN-, IN+)
±40
Input Leakage Current (HYST)
TA = +25°C
C/E temp. ranges
M temp. range
±0.02
nA
TA = +25°C
VCM = 1.5V
C/E temp. ranges
M temp. range
MAX921, MAX923
C/E temp. ranges
M temp. range
TA = +25°C
C/E temp. ranges
3.8
4.8
3.4
4.3
5.8
REFERENCE (MAX921/MAX923/MAX924 ONLY)
POWER REQUIREMENTS
COMPARATOR
Note 1: MAX924 comparators work below 2.5V, see
Low-Voltage Operation section for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com