Electronic Components Datasheet Search
  English  ▼

X  

MAX997ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX997ESA
Description  Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX997ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX997ESA Datasheet HTML 1Page - Maxim Integrated Products MAX997ESA Datasheet HTML 2Page - Maxim Integrated Products MAX997ESA Datasheet HTML 3Page - Maxim Integrated Products MAX997ESA Datasheet HTML 4Page - Maxim Integrated Products MAX997ESA Datasheet HTML 5Page - Maxim Integrated Products MAX997ESA Datasheet HTML 6Page - Maxim Integrated Products MAX997ESA Datasheet HTML 7Page - Maxim Integrated Products MAX997ESA Datasheet HTML 8Page - Maxim Integrated Products MAX997ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
_________________General Description
The MAX961–MAX964/MAX997/MAX999 are low-power,
ultra-high-speed comparators with internal hysteresis.
These devices are optimized for single +3V or +5V
operation. The input common-mode range extends
100mV Beyond-the-Rails™, and the outputs can sink
or source 4mA to within 0.52V of GND and VCC.
Propagation delay is 4.5ns (5mV overdrive), while sup-
ply current is 5mA per comparator.
The MAX961/MAX963/MAX964 and MAX997 have a
shutdown mode in which they consume only 270µA
supply current per comparator. The MAX961/MAX963
provide complementary outputs and a latch-enable fea-
ture. Latch enable allows the user to hold a valid com-
parator output. The MAX999 is available in a tiny
SOT23-5 package. The single MAX961/MAX997 and
dual MAX962 are available in space-saving 8-pin µMAX
packages.
________________________Applications
Single 3V/5V Systems
Portable/Battery-Powered Systems
Threshold Detectors/Discriminators
GPS Receivers
Line Receivers
Zero-Crossing Detectors
High-Speed Sampling Circuits
____________________________Features
♦ Ultra-Fast, 4.5ns Propagation Delay
♦ Ideal for +3V and +5V Single-Supply Applications
♦ Beyond-the-Rails Input Voltage Range
♦ Low, 5mA Supply Current (MAX997/MAX999)
♦ 3.5mV Internal Hysteresis for Clean Switching
♦ Output Latch (MAX961/MAX963)
♦ TTL/CMOS-Compatible Outputs
♦ 270µA Shutdown Current per Comparator
(MAX961/MAX963/MAX964/MAX997)
♦ Available in Space-Saving Packages:
5-Pin SOT23 (MAX999)
8-Pin µMAX (MAX961/MAX962/MAX997)
16-Pin QSOP (MAX964)
______________________Selector Guide
Single/Dual/Quad, Ultra-High-Speed, +3V/+5V,
Beyond-the-Rails Comparators
________________________________________________________________ Maxim Integrated Products
1
19-1129; Rev 4; 3/99
PART
MAX961ESA
MAX961EUA
MAX962ESA
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP RANGE
PIN-
PACKAGE
8 SO
8 µMAX
8 SO
_______________Ordering Information
MAX962EUA
-40°C to +85°C
8 µMAX
MAX961
1
Yes
Yes
Yes
8 SO/µMAX
MAX962
2
No
No
No
8 SO/µMAX
MAX963
2
Yes
Yes
Yes
14 SO
MAX964
4
No
Yes
No
16 SO/QSOP
MAX963ESD
-40°C to +85°C
14 SO
MAX964ESE
-40°C to +85°C
16 Narrow SO
MAX964EEE
-40°C to +85°C
16 QSOP
__________________Pin Configurations
Beyond-the-Rails is a trademark of Maxim Integrated Products, Inc.
GND
IN-
IN+
15
VCC
Q
MAX999
SOT23-5
2
34
Pin Configurations continued at end of data sheet.
MAX997
1
No
Yes
No
8 SO/µMAX
MAX999
1
No
No
No
5 SOT23
MAX997ESA
-40°C to +85°C
8 SO
MAX997EUA
-40°C to +85°C
8 µMAX
MAX999EUK-T
-40°C to +85°C
5 SOT23-5
TOP VIEW
SOT
TOP MARK
—
—
—
—
—
—
—
—
—
ACAB


Similar Part No. - MAX997ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX997ESA MAXIM-MAX997ESA Datasheet
330Kb / 16P
Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 6; 2/08
MAX997ESA MAXIM-MAX997ESA Datasheet
325Kb / 14P
Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
More results

Similar Description - MAX997ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX975 MAXIM-MAX975 Datasheet
264Kb / 16P
Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 1; 11/98
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
MAX961 MAXIM-MAX961_07 Datasheet
325Kb / 14P
Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 5; 2/07
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
MAX961 MAXIM-MAX961_08 Datasheet
330Kb / 16P
Single/Dual/Quad, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
Rev 6; 2/08
MAX975 MAXIM-MAX975_07 Datasheet
590Kb / 17P
Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
Rev 2; 2/07
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
logo
3PEAK INC.
TP1961 3PEAK-TP1961 Datasheet
1Mb / 18P
7ns, 1/2/4, Ultra-High-Speed, 3V/5V, Beyond-the-Rails Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com