Electronic Components Datasheet Search
  English  ▼

X  

MAX997ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX997ESA
Description  Single/Dual/Quad, Ultra-High-Speed, 3V/5V,Beyond-the-Rails Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX997ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX997ESA Datasheet HTML 2Page - Maxim Integrated Products MAX997ESA Datasheet HTML 3Page - Maxim Integrated Products MAX997ESA Datasheet HTML 4Page - Maxim Integrated Products MAX997ESA Datasheet HTML 5Page - Maxim Integrated Products MAX997ESA Datasheet HTML 6Page - Maxim Integrated Products MAX997ESA Datasheet HTML 7Page - Maxim Integrated Products MAX997ESA Datasheet HTML 8Page - Maxim Integrated Products MAX997ESA Datasheet HTML 9Page - Maxim Integrated Products MAX997ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Single/Dual/Quad, Ultra-High-Speed, +3V/+5V,
Beyond-the-Rails Comparators
6
_______________________________________________________________________________________
______________________________________________________________Pin Description
Comparator D Inverting Input
—
Comparator D Noninverting Input
—
Comparator B Output
—
Comparator C Output
—
Comparator B Noninverting Input
—
Comparator C Inverting Input
—
Comparator C Noninverting Input
—
Comparator B Inverting Input
—
Comparator A Noninverting Input
3
—
—
6
—
3
—
—
4
1
____________________________Typical Operating Characteristics (continued)
(VCC = +3.0V, CLOAD = 5pF, 5mV of overdrive, TA = +25°C, unless otherwise noted.)
MAX997toc15
PROPAGATION DELAY (tPD+)
GND
GND
5ns/div
OUTPUT
1V/div
INPUT
50mV/div
MAX997toc16
PROPAGATION DELAY (tPD-)
GND
GND
5ns/div
OUTPUT
1V/div
INPUT
50mV/div
Ground
4
Latch-Enable Input. The output latches when LE_
is high. The latch is transparent when LE_ is low.
—
5
—
Shutdown Input. The device shuts down when
SHDN is high.
8
—
No Connect. Connect to GND to prevent para-
sitic feedback.
—
—
—
—
9
4, 11
—
7
3, 5
—
—
6
2
8
—
7
8
14
12
11
4
—
5
6
3
2
9
16
IND-
IND+
QB
GND
QC
INB+
LE, LEA,
LEB
INC-
INC+
INB-
IN+, INA+
SHDN
N.C.
No Connection
1, 5
—
—
—
N.C.
Comparator D Output
—
10
—
—
QD
Comparator B Complementary Output
—
—
—
10
QB
Positive Supply Input (VCC to GND must be
≤5.5V)
7
13
8
12
VCC
Comparator A TTL Output
6
15
7
13
Q, QA
Comparator A Complementary Output
—
—
—
14
Q, QA
—
—
—
5
—
—
4
—
—
—
1
—
—
3
—
—
8
6
7
—
—
—
2
—
—
—
—
—
—
3
—
—
—
—
—
5
1
—
Comparator A Inverting Input
2
2
1
1
IN-, INA-
2
4
PIN
MAX963
MAX964
MAX997
MAX962
MAX961
MAX999
NAME
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com