Electronic Components Datasheet Search
  English  ▼

X  

MAX974C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX974C/D
Description  Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX974C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX974C/D Datasheet HTML 8Page - Maxim Integrated Products MAX974C/D Datasheet HTML 9Page - Maxim Integrated Products MAX974C/D Datasheet HTML 10Page - Maxim Integrated Products MAX974C/D Datasheet HTML 11Page - Maxim Integrated Products MAX974C/D Datasheet HTML 12Page - Maxim Integrated Products MAX974C/D Datasheet HTML 13Page - Maxim Integrated Products MAX974C/D Datasheet HTML 14Page - Maxim Integrated Products MAX974C/D Datasheet HTML 15Page - Maxim Integrated Products MAX974C/D Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Ultra-Low-Power, Open-Drain,
Single/Dual-Supply Comparators
12
______________________________________________________________________________________
2) Select R1. The leakage current into INB- is normally
under 1nA, so the current through R1 should exceed
100nA for the thresholds to be accurate. R1 values
up to about 10M
Ω can be used, but values in the
100k
Ω to 1MΩ range are usually easier to deal with.
In this example, choose R1 = 294k
Ω.
3) Calculate R2 + R3. The overvoltage threshold
should be 5.5V when VIN is rising. The design
equation is as follows:
4) Calculate R2. The undervoltage threshold should be
4.5V when VIN is falling. The design equation is as
follows:
5) Calculate R3:
Choose R3 = 1M
Ω (1% standard value)
6) Verify the resistor values. The equations are as
follows, evaluated for the above example:
Battery Switchover Circuit
The switchover from line-powered DC to a backup
battery is often accomplished with diodes. But this
simple method is sometimes unacceptable, due to the
voltage drop and associated power loss across the
diode in series with the battery. Figure 6’s circuit
replaces the diode with a P-channel MOSFET
controlled by one of the MAX9_3 comparator outputs.
When the DC wall adapter drops below 4V (determined
by R1 and R2), OUTA goes low, turning on Q1.
Comparator B is used to measure the battery voltage,
and gives a “low-battery” indication when the battery
drops below 3.6V.
Level-Shifter
Figure 7 shows a circuit to shift from bipolar ±5V inputs
to single-ended 5V outputs. The 10k
Ω resistors protect
the comparator inputs, and do not materially affect the
circuit’s operation.
Overvoltage Threshold :
V
(V
V )
(R1
R2
R3)
R1
5.474V
Undervoltage Threshold :
V
(V
V )
(R1
R2
R3)
(R1 + R2)
4.484V
where the hysteresis voltage V
V
R5
R4
OTH
REF
H
UTH
REF
H
H
REF
=+
×
++
=
=−
×
++
=
=×
.
RR
R
R
Mk
M
32
3
2
1 068
61 9
1 006
(
+
)
.
.
.
=−
=Ω −
Ω
=Ω
RR
R
R
VV
V
R
kM
k
k
Choose R
k
s
dard value
REF
H
UTH
21
2
3
1
294
1 068
1 182
0 005
45
294
62 2
261 9
1
(
+
+
)
(
)
(
+
.
)
(.
.
)
.
.
.
( %
).
=×
−
−
=Ω
Ω ×
−
−Ω
=Ω
=Ω
tan
RR
R
V
VV
k
M
OTH
REF
H
23
1
1
294
55
1 182
0 005
1
1 068
.
(.
.
)
.
+=
×
+
−


=Ω ×
+
−


=Ω
MAX9_3
INB-
REF
HYST
INA+
3
5
6
4
1
8
V-
2
V+
7
1M
Ω
OUTA
OUTB
R5
10k
Ω
R1
294k
Ω
R2
62.2k
Ω
R3
1M
Ω
POWER GOOD
VIN
VOTH = 5.5V
VUTH = 4.5V
R4
2.4M
Ω
5V
Figure 5. Window Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com