Electronic Components Datasheet Search
  English  ▼

X  

MAX974C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX974C/D
Description  Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX974C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX974C/D Datasheet HTML 3Page - Maxim Integrated Products MAX974C/D Datasheet HTML 4Page - Maxim Integrated Products MAX974C/D Datasheet HTML 5Page - Maxim Integrated Products MAX974C/D Datasheet HTML 6Page - Maxim Integrated Products MAX974C/D Datasheet HTML 7Page - Maxim Integrated Products MAX974C/D Datasheet HTML 8Page - Maxim Integrated Products MAX974C/D Datasheet HTML 9Page - Maxim Integrated Products MAX974C/D Datasheet HTML 10Page - Maxim Integrated Products MAX974C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Ultra-Low-Power, Open-Drain,
Single/Dual-Supply Comparators
_______________________________________________________________________________________
7
PIN
MAX971/
MAX981
MAX972
MAX982
MAX973/
MAX983
DIP/SO/
µMAX
DIP/SO/
µMAX
UCSP
DIP/SO/
µMAX
DIP/SO/
µMAX
NAME
FUNCTION
1
——
—
—
GND
Ground. Connect to V- for single-supply operation.
2
2
C2
2
2
V-
Negative Supply. Connect to GND for single-supply
operation (MAX9_1).
3
——
—
—
IN+
Noninverting Comparator Input
4
——
—
—
IN-
Inverting Comparator Input
5
——
5
5
HYST
Hysteresis Input. Connect to REF if not used. Input
voltage range is from VREF to (VREF - 50mV).
6
——
6
6
REF
Reference Output. 1.182V with respect to V-.
7
7
A2
7
7
V+
Positive Supply
8
——
—
—
OUT
Comparator Output. Sinks current to GND.
—
1
A1
1
1
OUTA
Comparator A Open-Drain Output. Sinks current to V-.
—
3
C1
3
3
INA+
Noninverting Input of Comparator A
—
4B1
——
INA-
Inverting Input of Comparator A
—
5B3
—
4
INB-
Inverting Input of Comparator B
—
6C3
4
—
INB+
Noninverting Input of Comparator B
—
8
A3
8
8
OUTB
Comparator B Open-Drain Output. Sinks current to V-.
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com