Electronic Components Datasheet Search
  English  ▼

X  

CHA2190 Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHA2190
Description  20-30GHz Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2190 Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHA2190 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
20-30GHz Low Noise Amplifier
CHA2190
Ref : DSCHA21902036 -05-Feb.-02
5/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Circuit typical response (In test-Jig)
Power measurements (Vd = 4V)
Typical Output Power (Measurement in test Jig)
Tamb = +25°C
These values are representative of the package assembly with input and output bonding.
Typical Output power –1dB for typical biasing
0
4
8
12
16
20
24
28
32
36
40
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
Frequency (GHz)
-20
-10
0
10
20
30
40
50
60
70
80
I
d (Vd=4V)
I
d (Vd=4.5V Vg2=+1V
Gain P-1dB (Vd=4V)
Gain P-1dB (Vd=4.5V Vg2=+1V)
P-1dB (Vd=4V)
P-1dB (Vd=4.5V Vg2=+1V)
I
d (Vd=4V vg2=-1V
Gain P-1dB (Vd=4V Vg2=-1V)
P-1dB (Vd=4.5V Vg2=+1V)
11
13
15
17
19
21
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
Input Power (dBm)
-5
-3
-1
1
3
5
7
9
11
13
15
GAIN dB(20GHz)
GAIN dB(24GHz)
GAIN dB(28GHz)
GAIN dB(30GHz)
GAIN dB(32GHz)
POUT dBm (20GHz)
POUT dBm (24GHz)
POUT dBm (28GHz)
POUT dBm (30GHz)
POUT dBm (32GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com