Electronic Components Datasheet Search
  English  ▼

X  

CHA2190 Datasheet(PDF) 8 Page - United Monolithic Semiconductors

Part # CHA2190
Description  20-30GHz Low Noise Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2190 Datasheet(HTML) 8 Page - United Monolithic Semiconductors

  CHA2190 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2190 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CHA2190
20-30GHz Low Noise Amplifier
Ref : DSCHA21902036 -05-Feb.-02
8/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Internal DC schematic
This chip is self-biased, and flexibility is provided by the access to positive Vg.
The internal DC electrical schematic is given in order to use these pads in a safe way.
Absolute recommandations:
N°1: Do not exceed Vds = 3.5 Volt (Vds: internal Dr ain to Source voltage).
N°2: Do not bias in such a way that Vgs* becomes po sitive. (Vgs: internal Gate to Source
voltage)
Typical biasing table and typical results in test Jig at 40 GHz
Ordering Information
Chip form
:
CHA2190-99F/00
Information furnished is believed to be accurate and reliable. However United Monolithic Semiconductors
S.A.S. assumes no responsibility for the consequences of use of such information nor for any infringement of
patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of United Monolithic Semiconductors S.A.S.. Specifications
mentioned in this publication are subject to change without notice. This publication supersedes and replaces all
information previously supplied. United Monolithic Semiconductors S.A.S. products are not authorised for use
as critical components in life support devices or systems without express written approval from United
Monolithic Semiconductors S.A.S.
40GHzINTESTJig
Vds(V) Vg1(V) Vg2(V) Id(mA) Typical NF(dB) Typical Gain(dB) Typical P-1dB(dB) Typical Psat(dB)
Standard
4
NC
NC
50
2.2
15
11
13
LowNoiseHighlinearity
4.5
NC
1
60
2.2
15
12
14
Lownoise/lowcurrentconsumption
4
NC
-1
40
2.2
15
9.5
12
Switchoff
3.5
-1
-8
0
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com