Electronic Components Datasheet Search
  English  ▼

X  

PA3211G-XX-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # PA3211G-XX-AF5-R
Description  RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3211G-XX-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  PA3211G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies PA3211G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies PA3211G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies PA3211G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PA3211
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-451.C
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
All Other Pins
VSS-0.3 ~ VDD+0.3
V
Supply Voltage
VDD ~ VSS
6.5
V
Power Dissipation (TA=25°C)
PD
520
mW
Junction Temperature
TJ
150
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +160
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
240
°C/W
ELECTRICAL CHARACTERISTICS
(VDD=5V, VSS=0V, TA=25°C, CL=10pF, RL=1kΩ~VDD/2, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Supplies
Supply Voltage Range (Note)
VDD
3
5.5
V
Supply Current
IDD
No load
0.5
0.7
mA
Total Power Dissipation
PTOT
No load
0.25
0.35
mW
DC Characteristics
Input Offset Voltage
VI(OS)
±15
±10
mV
Common Mode Voltage
VCM
Inferred from CMRR test
0
5
V
Input Bias Current
IB
±1.5
±20
nA
Input Bias Current Offset
IOS
±1.5
±20
nA
Input Resistance
RIN
1000
MΩ
Open Loop Gain
AV
85
95
dB
Maximum Output Current
IO
VOUT=±VINx 90%
55
±66
mA
Output Voltage Swing High
VOH
RL=2kΩ
4.96
4.99
V
Output Voltage Swing Low
VOL
RL=2kΩ
0.012 0.04
V
Power Supply Rejection Ratio
PSRR
3V≤VDD≤5.5V
45
70
dB
Common-Mode Rejection Ratio
CMRR
VSS≤VCM≤VDD
45
65
dB
AC Characteristics
Gain-Bandwidth Product
GBWP
Open-loop, No load
6.5
MHZ
Slew-Rate
SR
Measured from 10%~90% of 4VP-P step,
RL=1kΩ, CL=10pF
5.23
V/μs
Phase Margin
PM
60
deg
Maximum Output Power
IO
THD<0.1%, RL=16Ω
100
mA
Note: Guaranteed by the Power-Supply Rejection Ratio (PSRR) test.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com