Electronic Components Datasheet Search
  English  ▼

X  

PA3211G-XX-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PA3211G-XX-AF5-R
Description  RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PA3211G-XX-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  PA3211G-XX-AF5-R Datasheet HTML 1Page - Unisonic Technologies PA3211G-XX-AF5-R Datasheet HTML 2Page - Unisonic Technologies PA3211G-XX-AF5-R Datasheet HTML 3Page - Unisonic Technologies PA3211G-XX-AF5-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PA3211
CMOS IC
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-451.C
RAIL TO RAIL I/O,
HIGH-SLEW-RATE OP AMP
DESCRIPTION
The UTC PA3211 is an input/output rail-to-rail operational
amplifier. This device can be operated on either a single supply
varying from +3V to +5.5V or dual supply ranging from ±1.5V to
±2.75V.
The UTC PA3211 has a perfect AC performance with 6.5MHz
bandwidth, 5.23V/μs slew rate.
The supply current for each amplifier of the UTC PA3211 is only
500μA that makes it suitable for low current consumption
applications to control high current loads. Applications include audio
amplification for computers, sound ports, sound cards and set-top
boxes.
The UTC PA3211 is generally applied in portable equipment,
headphone driver, multimedia audio, battery-powered equipment,
ASIC input or output amplifier, sensor amplifier, and low power/low
voltage device.
FEATURES
* Single-Supply Operation: +3V ~ +5.5V
* Input / Output Rail-to-Rail
* Low Quiescent Current: 500μA @ 5V
* With Low Input Current
* 5.23V/μs High Slew Rate
* High Output Driving Capacity
* 6.5MHz High Gain-Bandwidth Product
* 70dB High PSRR
ORDERING INFORMATION
Ordering Number
Package
Packing
PA3211G-xx-AF5-R
SOT-25
Tape Reel


Similar Part No. - PA3211G-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3211G-AF5-R UTC-PA3211G-AF5-R Datasheet
138Kb / 5P
RAIL TO RAIL I/O,HIGH-SLEW-RATE OP AMP
PA3211G-AF5-R UTC-PA3211G-AF5-R Datasheet
185Kb / 4P
RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
More results

Similar Description - PA3211G-XX-AF5-R

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1214 GMT-G1214 Datasheet
333Kb / 5P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1224 GMT-G1224 Datasheet
30Kb / 1P
Dual Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1244 GMT-G1244 Datasheet
38Kb / 1P
Quad Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1214 GMT-G1214_06 Datasheet
271Kb / 6P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1224 GMT-G1224_07 Datasheet
335Kb / 8P
Dual Rail-to-Rail I/O, High-Slew-Rate OP Amp
logo
Unisonic Technologies
PA3211 UTC-PA3211 Datasheet
138Kb / 5P
RAIL TO RAIL I/O,HIGH-SLEW-RATE OP AMP
PA3211 UTC-PA3211_11 Datasheet
185Kb / 4P
RAIL TO RAIL I/O, HIGH-SLEW-RATE OP AMP
logo
Global Mixed-mode Techn...
G1224 GMT-G1224_15 Datasheet
33Kb / 1P
Dual Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1214A GMT-G1214A_15 Datasheet
35Kb / 1P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
G1214 GMT-G1214_15 Datasheet
38Kb / 1P
Rail-to-Rail I/O, High-Slew-Rate OP Amp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com