Electronic Components Datasheet Search
  English  ▼

X  

2N6520 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # 2N6520
Description  High Voltage Transistor 625mW
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N6520 Datasheet(HTML) 3 Page - Micro Commercial Components

  2N6520 Datasheet HTML 1Page - Micro Commercial Components 2N6520 Datasheet HTML 2Page - Micro Commercial Components 2N6520 Datasheet HTML 3Page - Micro Commercial Components 2N6520 Datasheet HTML 4Page - Micro Commercial Components 2N6520 Datasheet HTML 5Page - Micro Commercial Components 2N6520 Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.mccsemi.com
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product(1)
(IC = 10 mAdc, VCE = 20 Vdc, f = 20 MHz)
fT
40
200
MHz
Collector–Base Capacitance
(VCB = 20 Vdc, IE = 0, f = 1.0 MHz)
Ccb
—
6.0
pF
Emitter–Base Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
2N6515, 2N6517
2N6519, 2N6520
Ceb
—
—
80
100
pF
SWITCHING CHARACTERISTICS
Turn–On Time
(VCC = 100 Vdc, VBE(off) = 2.0 Vdc, IC = 50 mAdc, IB1 = 10 mAdc)
ton
—
200
µs
Turn–Off Time
(VCC = 100 Vdc, IC = 50 mAdc, IB1 = IB2 = 10 mAdc)
toff
—
3.5
µs
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.
NPN 2N6515 2N6517
PNP 2N6519 2N6520
MCC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com