Electronic Components Datasheet Search
  English  ▼

X  

2N6520 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2N6520
Description  High Voltage Transistor 625mW
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N6520 Datasheet(HTML) 1 Page - Micro Commercial Components

  2N6520 Datasheet HTML 1Page - Micro Commercial Components 2N6520 Datasheet HTML 2Page - Micro Commercial Components 2N6520 Datasheet HTML 3Page - Micro Commercial Components 2N6520 Datasheet HTML 4Page - Micro Commercial Components 2N6520 Datasheet HTML 5Page - Micro Commercial Components 2N6520 Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
l Through Hole Package
l 150
oC Junction Temperature
l Voltage and Current are negative for PNP transistors
Mechanical Data
l Case: TO-92, Molded Plastic
l Polarity: indicated as above.
Maximum Ratings @ 25oC Unless Otherwise Specified
Charateristic
Symbol
Value
Unit
Collector-Emitter Voltage
2N6515
2N6519
2N6517, 2N6520
VCEO
250
300
350
V
Collector-Base Voltage
2N6515
2N6519
2N6517, 2N6520
VCBO
250
300
350
V
Emitter-Base Voltage
2N6515-6517
2N6519-6520
VEBO
6.0
5.0
V
Base Current
IB
250
mA
Collector Current(DC)
IC
500
mA
Power Dissipation@TA=25
o
C
Pd
625
5.0
W
mW /
o
C
Power Dissipation@TC=25
oC
Pd
1.5
12
W
mW /
o
C
Thermal Resistance, Junction to
Ambient Air
200
o
C/W
Thermal Resistance, Junction to Case
83.3
oC/W
Operating & Storage Temperature
Tj, TSTG
-55~150
oC
NPN
2N6515, 2N6517
PNP
2N6519, 2N6520
High Voltage
Transistor
625mW
Pin Configuration
Bottom View
C B
E
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.175
.185
4.45
4.70
B
.175
.185
4.46
4.70
C
.500
---
12.7
---
D
.016
.020
0.41
0.63
E
.135
.145
3.43
3.68
G
.095
.105
2.42
2.67
A
E
B
C
D
G
DIMENSIONS
TO-92
www.mccsemi.com
RqJA
RqJC
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC


Similar Part No. - 2N6520

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6520 ONSEMI-2N6520 Datasheet
229Kb / 8P
High Voltage Transistors
October, 2001 ??Rev. 3
logo
Zetex Semiconductors
2N6520 ZETEX-2N6520 Datasheet
27Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Samsung semiconductor
2N6520 SAMSUNG-2N6520 Datasheet
105Kb / 3P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
2N6520 FAIRCHILD-2N6520 Datasheet
70Kb / 5P
PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
2N6520 ETC-2N6520 Datasheet
109Kb / 3P
HIGH VOLTAGE TRANSISTOR
More results

Similar Description - 2N6520

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MPSA42 MCC-MPSA42 Datasheet
656Kb / 3P
NPN Silicon High Voltage Transistor 625mW
MPSA44 MCC-MPSA44 Datasheet
660Kb / 3P
NPN Silicon High Voltage Transistor 625mW
MPSA94 MCC-MPSA94 Datasheet
627Kb / 2P
PNP Silicon High Voltage Transistor 625mW
MPSA42 MCC-MPSA42_08 Datasheet
133Kb / 4P
NPN Silicon High Voltage Transistor 625mW
2N6515 MCC-2N6515_11 Datasheet
295Kb / 7P
High Voltage Transistor 625mW
MPSA42 MCC-MPSA42_11 Datasheet
244Kb / 4P
NPN Silicon High Voltage Transistor 625mW
MPSA44 MCC-MPSA44_11 Datasheet
261Kb / 4P
NPN Silicon High Voltage Transistor 625mW
2N6515 MCC-2N6515_13 Datasheet
341Kb / 7P
High Voltage Transistor 625mW
MPSA44 MCC-MPSA44_16 Datasheet
229Kb / 4P
NPN Silicon High Voltage Transistor 625mW
MPSA94 MCC-MPSA94_13 Datasheet
309Kb / 3P
PNP Silicon High Voltage Transistor 625mW
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com