Electronic Components Datasheet Search
  English  ▼

X  

BC556 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # BC556
Description  PNP Silicon Amplifier Transistor 625mW
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC556 Datasheet(HTML) 3 Page - Micro Commercial Components

  BC556 Datasheet HTML 1Page - Micro Commercial Components BC556 Datasheet HTML 2Page - Micro Commercial Components BC556 Datasheet HTML 3Page - Micro Commercial Components BC556 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BC557/BC558
Figure 1. Normalized DC Current Gain
IC, COLLECTOR CURRENT (mAdc)
2.0
Figure 2. “Saturation” and “On” Voltages
IC, COLLECTOR CURRENT (mAdc)
–0.2
0.2
Figure 3. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 4. Base–Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
–0.6
–0.7
–0.8
–0.9
–1.0
–0.5
0
–0.2
–0.4
–0.1
–0.3
1.6
1.2
2.0
2.8
2.4
–1.2
–1.6
–2.0
–0.02
–1.0
–10
0
–20
–0.1
–0.4
–0.8
1.5
1.0
0.7
0.5
0.3
–0.2
–10
–100
–1.0
TA = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = –10 V
VCE = –10 V
TA = 25°C
–55
°C to +125°C
IC = –100 mA
IC = –20 mA
–0.5 –1.0
–2.0
–5.0 –10
–20
–50
–100 –200
–0.1 –0.2
–0.5
–1.0
–2.0
–5.0
–10
–20
–50
–100
IC = –200 mA
IC = –50 mA
IC =
–10 mA
Figure 5. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
10
Figure 6. Current–Gain – Bandwidth Product
IC, COLLECTOR CURRENT (mAdc)
–0.4
1.0
80
100
200
300
400
60
20
40
30
7.0
5.0
3.0
2.0
–0.5
TA = 25°C
Cob
Cib
–0.6
–1.0
–2.0
–4.0 –6.0
–10
–20 –30 –40
150
–1.0
–2.0 –3.0
–5.0
–10
–20
–30
–50
VCE = –10 V
TA = 25°C
TA = 25°C
1.0
MCC
www.mccsemi.com
BC556 thru BC558B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com