Electronic Components Datasheet Search
  English  ▼

X  

BC556 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BC556
Description  PNP Silicon Amplifier Transistor 625mW
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC556 Datasheet(HTML) 2 Page - Micro Commercial Components

  BC556 Datasheet HTML 1Page - Micro Commercial Components BC556 Datasheet HTML 2Page - Micro Commercial Components BC556 Datasheet HTML 3Page - Micro Commercial Components BC556 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage
(IC = –2.0 mAdc, IB = 0)
BC556
BC557
BC558
V(BR)CEO
–65
–45
–30
—
—
—
—
—
—
V
Collector – Base Breakdown Voltage
(IC = –100 µAdc)
BC556
BC557
BC558
V(BR)CBO
–80
–50
–30
—
—
—
—
—
—
V
Emitter – Base Breakdown Voltage
(IE = –100 mAdc, IC = 0)
BC556
BC557
BC558
V(BR)EBO
–5.0
–5.0
–5.0
—
—
—
—
—
—
V
ON CHARACTERISTICS
DC Current Gain
(IC = –10 µAdc, VCE = –5.0 V)
BC557A
BC556B/557B/558B
BC557C
(IC = –2.0 mAdc, VCE = –5.0 V)
BC556
BC557
BC558
BC557A
BC556B/557B/558B
BC557C
(IC = –100 mAdc, VCE = –5.0 V)
BC557A
BC556B/557B/558B
BC557C
hFE
—
—
—
120
120
120
120
180
420
—
—
—
90
150
270
—
—
—
170
290
500
120
180
300
—
—
—
500
800
800
220
460
800
—
—
—
—
Collector – Emitter Saturation Voltage
(IC = –100mAdc, IB = –5.0 mAdc)
VCE(sat)
—
---
–0.3
V
Base – Emitter Saturation Voltage
(IC = –100 mAdc, IB = –5.0mAdc)
VBE(sat)
—
–1.0
—
V
Base–Emitter On Voltage
(IC = –2.0 mAdc, VCE = –5.0 Vdc)
(IC = –10 mAdc, VCE = –5.0 Vdc)
VBE(on)
–0.55
—
–0.62
–0.7
–0.7
–0.82
V
SMALL–SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = –10 mA, VCE = –5.0 V, f = 100 MHz)
BC556
BC557
BC558
fT
—
—
—
280
320
360
—
—
—
MHz
Output Capacitance
(VCB = –10 V, IC = 0, f = 1.0 MHz)
Cob
—
3.0
6.0
pF
MCC
www.mccsemi.com
BC556 thru BC558B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com