Electronic Components Datasheet Search
  English  ▼

X  

BFS505 Datasheet(PDF) 11 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # BFS505
Description  NPN 9 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

BFS505 Datasheet(HTML) 11 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Back Button BFS505 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS505 Datasheet HTML 5Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS505 Datasheet HTML 6Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS505 Datasheet HTML 7Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS505 Datasheet HTML 8Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS505 Datasheet HTML 9Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS505 Datasheet HTML 10Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS505 Datasheet HTML 11Page - Quanzhou Jinmei Electronic Co.,Ltd. BFS505 Datasheet HTML 12Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
September 1995
11
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistor
BFS505
PACKAGE OUTLINE
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.1
1.1
0.8
0.4
0.3
0.25
0.10
2.2
1.8
1.35
1.15
0.65
e
1.3
2.2
2.0
0.23
0.13
0.2
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT323
SC-70
w M
bp
D
e1
e
A
B
A1
Lp
Q
detail X
c
HE
E
v M A
A
B
y
0
1
2 mm
scale
A
X
12
3
Plastic surface mounted package; 3 leads
SOT323
97-02-28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com