Electronic Components Datasheet Search
  English  ▼

X  

LM5001MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5001MA/NOPB
Description  High-Voltage Switch-Mode Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5001MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM5001MA/NOPB Datasheet HTML 1Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 2Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 3Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 4Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 5Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 6Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 7Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 8Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
1
4
3
5
8
7
6
EP
SW
VIN
EN
COMP
VCC
FB
RT
GND
2
VCC
GND
RT
EN
COMP
FB
VIN
SW
1
4
3
2
8
5
7
6
LM5001, LM5001-Q1
www.ti.com
SNVS484H – JANUARY 2007 – REVISED JULY 2015
5 Pin Configuration and Functions
SOIC (D) 8 Pins
Top View
WSON (NGT) 8 Pins
Top View
Pin Functions
PIN
NAME
TYPE
DESCRIPTION
SOIC
WSON
1
3
SW
Switch pin
The drain terminal of the internal power MOSFET.
2
4
VIN
Input supply pin
Nominal operating range: 3.1 V to 75 V.
VCC tracks VIN up to 6.9 V. Above VIN = 6.9 V, VCC is
regulated to 6.9 V. A 0.47-µF or greater ceramic decoupling
Bias regulator output, or input for external
capacitor is required. An external voltage (7 V – 12 V) can
3
5
VCC
bias supply
be applied to this pin which disables the internal VCC
regulator to reduce internal power dissipation and improve
converter efficiency.
Internal reference for the regulator control functions and the
4
6
GND
Ground
power MOSFET current sense resistor connection.
The internal oscillator is set with a resistor, between this pin
and the GND pin. The recommended frequency range is 50
Oscillator frequency programming and
KHz to 1.5 MHz. The RT pin can accept synchronization
5
7
RT
optional synchronization pulse input
pulses from an external clock. A 100-pF capacitor is
recommended for coupling the synchronizing clock to the
RT pin.
This pin is connected to the inverting input of the internal
Feedback input from the regulated output
6
8
FB
error amplifier. The 1.26-V reference is internally connected
voltage
to the non-inverting input of the error amplifier.
The loop compensation network should be connected
between the COMP pin and the FB pin. COMP pull-up is
Open drain output of the internal error
7
1
COMP
provided by an internal 5-k
Ω resistor which may be used to
amplifier
bias an opto-coupler transistor (while FB is grounded) for
isolated ground applications.
An external voltage divider can be used to set the line
Enable / Undervoltage Lock-Out /
undervoltage lockout threshold. If the EN pin is left
8
2
EN
Shutdown input
unconnected, a 6-µA pull-up current source pulls the EN pin
high to enable the regulator.
Exposed metal pad on the underside of the package with a
resistive connection to pin 6. It is recommended to connect
NA
EP
EP
Exposed Pad, WSON only
this pad to the PC board ground plane in order to improve
heat dissipation.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5001 LM5001-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com