Electronic Components Datasheet Search
  English  ▼

X  

LM5001MA/NOPB Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM5001MA/NOPB
Description  High-Voltage Switch-Mode Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5001MA/NOPB Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM5001MA/NOPB Datasheet HTML 14Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 15Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 16Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 17Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 18Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 19Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 20Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 21Page - Texas Instruments LM5001MA/NOPB Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
LM5001, LM5001-Q1
SNVS484H – JANUARY 2007 – REVISED JULY 2015
www.ti.com
9 Layout
9.1 Layout Guidelines
The LM5001 Current Sense and PWM comparators are very fast and may respond to short duration noise
pulses. The components at the SW, COMP, EN and the RT pins should be as physically close as possible to the
IC, thereby minimizing noise pickup on the PC board tracks.
The SW output pin of the LM5001 should have a short, wide conductor to the power path inductors, transformers
and capacitors in order to minimize parasitic inductance that reduces efficiency and increases conducted and
radiated noise. Ceramic decoupling capacitors are recommended between the VIN pin to the GND pin and
between the VCC pin to the GND pin. Use short, direct connections to avoid clock jitter due to ground voltage
differentials. Small package surface mount X7R or X5R capacitors are preferred for high frequency performance
and limited variation over temperature and applied voltage.
If an application using the LM5001 produces high junction temperatures during normal operation, multiple vias
from the GND pin to a PC board ground plane helps conduct heat away from the IC. Judicious positioning of the
PC board within the end product, along with use of any available air flow helps reduce the junction temperatures.
If using forced air cooling, avoid placing the LM5001 in the airflow shadow of large components, such as input
capacitors, inductors or transformers.
18
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LM5001 LM5001-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com