Electronic Components Datasheet Search
  English  ▼

X  

LM27313 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM27313
Description  LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27313 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM27313 Datasheet HTML 9Page - Texas Instruments LM27313 Datasheet HTML 10Page - Texas Instruments LM27313 Datasheet HTML 11Page - Texas Instruments LM27313 Datasheet HTML 12Page - Texas Instruments LM27313 Datasheet HTML 13Page - Texas Instruments LM27313 Datasheet HTML 14Page - Texas Instruments LM27313 Datasheet HTML 15Page - Texas Instruments LM27313 Datasheet HTML 16Page - Texas Instruments LM27313 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
0
20
40
60
80
100
0
200
400
600
800
1000
1200
1400
1600
DUTY CYCLE (%) = [1 - EFF*(VIN/VOUT))]
VIN = 5V
VIN = 3.3V
VIN = 2.7V
LM27313, LM27313-Q1
www.ti.com
SNVS487E – DECEMBER 2006 – REVISED JANUARY 2015
Typical Applications (continued)
Figure 14. 10 µH Inductor Current, 5 V – 12 V Boost
During the 0.390-µs ON time, the inductor current ramps up 0.176 A and ramps down an equal amount during
the OFF time. This is defined as the inductor “ripple current”. It can also be seen that if the load current drops to
about 33 mA, the inductor current will begin touching the zero axis which means it will be in discontinuous mode.
A similar analysis can be performed on any boost converter, to make sure the ripple current is reasonable and
continuous operation will be maintained at the typical load current values.
8.2.1.2.9
Maximum Switch Current
The maximum FET switch current available before the current limiter cuts in is dependent on duty cycle of the
application. This is illustrated in Figure 15 which shows typical values of switch current as a function of effective
(actual) duty cycle:
Figure 15. Switch Current Limit vs Duty Cycle
8.2.1.2.10
Calculating Load Current
As shown in Figure 14 which depicts inductor current, the load current is related to the average inductor current
by the relation:
ILOAD = IIND(AVG) x (1 - DC)
where
•
DC is the duty cycle of the application.
(9)
The switch current can be found by:
ISW = IIND(AVG) + ½ (IRIPPLE)
(10)
Inductor ripple current is dependent on inductance, duty cycle, input voltage and frequency:
IRIPPLE = DC x (VIN - VSW) / (fSW x L)
(11)
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM27313 LM27313-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com