Electronic Components Datasheet Search
  English  ▼

X  

LM27313 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM27313
Description  LM27313/-Q1 1.6-MHz Boost Converter With 30-V Internal FET Switch in SOT-23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27313 Datasheet(HTML) 3 Page - Texas Instruments

  LM27313 Datasheet HTML 1Page - Texas Instruments LM27313 Datasheet HTML 2Page - Texas Instruments LM27313 Datasheet HTML 3Page - Texas Instruments LM27313 Datasheet HTML 4Page - Texas Instruments LM27313 Datasheet HTML 5Page - Texas Instruments LM27313 Datasheet HTML 6Page - Texas Instruments LM27313 Datasheet HTML 7Page - Texas Instruments LM27313 Datasheet HTML 8Page - Texas Instruments LM27313 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LM27313, LM27313-Q1
www.ti.com
SNVS487E – DECEMBER 2006 – REVISED JANUARY 2015
5 Pin Configuration and Functions
SOT-23 Package
5-Pin
(Top View)
Pin Functions
PIN
I/O(1)
DESCRIPTION
NO.
NAME
1
SW
O
Drain of the internal FET switch.
2
GND
G
Analog and power ground.
3
FB
I
Feedback point that connects to external resistive divider to set VOUT.
4
SHDN
I
Shutdown control input. Connect to VIN if this feature is not used.
5
VIN
I/P
Analog and power input.
(1)
I: Input Pin, O: Output Pin, P: Power Pin, G: Ground Pin
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
FB Pin Voltage
−0.4
6
V
SW Pin Voltage
−0.4
30
V
Input Supply Voltage
−0.4
14.5
V
Shutdown
(Survival)
Input Voltage
−0.4
14.5
V
Lead Temp. (Soldering, 5 s)
300
°C
Power Dissipation
Internally Limited
Storage temperature, Tstg
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
6.2 ESD Ratings: LM27313
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all
±1000
pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM27313 LM27313-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com