Electronic Components Datasheet Search
  English  ▼

X  

M5819 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # M5819
Description  0.6 Amp Schottky Barrier Rectifier 40 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

M5819 Datasheet(HTML) 1 Page - Micro Commercial Components

  M5819 Datasheet HTML 1Page - Micro Commercial Components M5819 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M5819
0.6 Amp Schottky
Barrier Rectifier
40 Volts
DO-41
Features
•
Schottky Barrier Rectifier
•
Guard Ring Protection
•
Low Forward Voltage
•
Low Power Loss For High Efficiency
•
High Current Capability
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.166
.205
4.10
5.20
B
.080
.107
2.00
2.70
C
.028
.034
.70
.90
D
1.000
---
25.40
---
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance; 80
°C/W Junction To Ambient
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
M5819
40V
28V
40V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
0.6A
TA = 90
°C
Peak Forward Surge
Current
IFSM
25A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
.60V
IFM = 1.0A;
TJ = 25
°C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
10mA
TJ = 25
°C
TJ = 100
°C
Typical Junction
Capacitance
Cj
110pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
A
B
C
D
D
Cathode
Mark
 omponents
21201 Itasca Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com


Similar Part No. - M5819

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
M5819 WEITRON-M5819 Datasheet
78Kb / 3P
Surface Mount Schottky Diodes
logo
Shanghai Lunsure Electr...
M5819 CHENYI-M5819 Datasheet
45Kb / 2P
0.6Amp schottky barrier rectifier 40 volts
More results

Similar Description - M5819

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SBL4045CT MCC-SBL4045CT Datasheet
460Kb / 3P
40 Amp Schottky Barrier Rectifier 45 Volts
SR240M MCC-SR240M Datasheet
81Kb / 2P
2 Amp Schottky Barrier Rectifier 40 Volts
RB420D MCC-RB420D_06 Datasheet
808Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
RB420DS MCC-RB420DS Datasheet
211Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
RB421D MCC-RB421D_06 Datasheet
800Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
RB441Q MCC-RB441Q Datasheet
449Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
SR240M MCC-SR240M_11 Datasheet
221Kb / 3P
2 Amp Schottky Barrier Rectifier 40 Volts
RB421DS MCC-RB421DS_13 Datasheet
188Kb / 2P
0.1 Amp Schottky Barrier Rectifier 40 Volts
RB500V-40 MCC-RB500V-40_13 Datasheet
181Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
RB501V-40 MCC-RB501V-40_13 Datasheet
183Kb / 3P
0.1 Amp Schottky Barrier Rectifier 40 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com