Electronic Components Datasheet Search
  English  ▼

X  

M5819 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # M5819
Description  0.6 Amp Schottky Barrier Rectifier 40 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

M5819 Datasheet(HTML) 2 Page - Micro Commercial Components

  M5819 Datasheet HTML 1Page - Micro Commercial Components M5819 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1.0
0.75
0.50
0.25
0
0
20
40
60
80
100
120
SINELE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE
LOAD .375" 9.5mm LEAD
LENGTHS
LEAD TEMPERATURE, ¢J
20
10
1.0
0.1
.2
.4
.6
.8
1.0
1.2
1.4
1.8
2.0
TJ = 25¢J
PULSE WIDTH = 300£gs
1% DUTY CYCLE
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig. 1-FORWARD CURRENT DERATING CURVEE
Fig. 2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
30
25
20
15
10
5
1
2
5
10
20
50
100
8.3ms SINGLE HALF SINE WAVE
JEDEC METHOD
NUMBER OF CYCLES AT 60Hz
Fig. 3-MAXIMUM NON-REPETITIVE SURGE CURRENT
400
200
100
80
60
40
20
10
0.1
0.4
1.0
4
10
40
60
100
T
J = 25¢J
REVERSE VOLTAGE ,VOLTS
Fig. 4-TYPICAL JUNCTION CAPACITANCE
www.mccsemi.com
MCC
M5819



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com