Electronic Components Datasheet Search
  English  ▼

X  

BL3085B Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL3085B
Description  High ESD-Protected, Fail-Safe, Slew-Rate-Limited
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL3085B Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL3085B Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL3085B Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL3085B Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL3085B Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL3085B Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL3085B Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL3085B Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL3085B Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BL3085B
www.belling.com.cn
V1.2
Page- 1 -
High ESD-Protected, Fail-Safe, Slew-Rate-Limited
RS-485 Transceivers
General Description
The BL3085B is a half-duplex RS-485 transceiver with ±18kV IEC 61000-4-2 contact discharge
protection. The BL3085B contains one driver and one receiver. The device features fail-safe circuitry,
which guarantees a logic-high receiver output when the receiver inputs are open or shorted. This means
that the receiver output will be logic high even if all transmitters on a terminated bus are disabled. The
BL3085B features reduced slew-rate driver that minimizes EMI and reduces reflections caused by
improperly terminated cables, allowing error-free data transmission up to 250kbps. The BL3085B has a
1/8 unit load receiver input impedance that allows up to 256 transceivers on the bus.
Configuration
Functional Block of BL3085B
Applications
RS-485 Communications
Level Translators
Transceivers for EMI-Sensitive Applications
Industrial Control Local Area Networks
Energy Meter Networks
Lighting Systems


Similar Part No. - BL3085B

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL3085A BELLING-BL3085A Datasheet
728Kb / 8P
High ESD-Protected, Fail-Safe, Slew-Rate-Limited
BL3085E BELLING-BL3085E Datasheet
669Kb / 9P
communication that contain one driver and one receiver
More results

Similar Description - BL3085B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STC485E ETC1-STC485E Datasheet
592Kb / 11P
짹15kV ESD-Protected,Slew-Rate-Limited, Fail-Safe,True RS-485 Transceivers
logo
Union Semiconductor, In...
UM3352E UNIONSEMI-UM3352E Datasheet
235Kb / 11P
짹12kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
UM3085E UNIONSEMI-UM3085E Datasheet
245Kb / 12P
짹15kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
UM488 UNIONSEMI-UM488 Datasheet
324Kb / 17P
짹15kV ESD-Protected, Fail-Safe, Slew-Rate-Limited RS-422
logo
SHANGHAI BELLING CO., L...
BL3085A BELLING-BL3085A Datasheet
728Kb / 8P
High ESD-Protected, Fail-Safe, Slew-Rate-Limited
logo
Union Semiconductor, In...
UM3352E UNIONSEMI-UM3352E_15 Datasheet
316Kb / 13P
ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
UM3085E UNIONSEMI-UM3085E_15 Datasheet
346Kb / 12P
ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
logo
AMAZING Microelectronic...
AZRS3072 AMAZING-AZRS3072 Datasheet
340Kb / 9P
ESD-Protected, Slew-Rate-Limited, True Fail-Safe 3.3V RS485 Transceiver IC
Revision 2016/05/06
logo
AiT Semiconductor Inc.
A3085 AITSEMI-A3085 Datasheet
599Kb / 9P
RS-485 TRANSCEIVERS FAIL-SAFE, HIGH-SPEED SLEW-RATE-LIMITED
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com