Electronic Components Datasheet Search
  English  ▼

X  

BL3085B Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL3085B
Description  High ESD-Protected, Fail-Safe, Slew-Rate-Limited
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL3085B Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL3085B Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL3085B Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL3085B Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL3085B Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL3085B Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL3085B Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL3085B Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL3085B Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BL3085B
www.belling.com.cn
V1.2
Page3
Absolute Maximum Ratings
Parameter
Symbol
Rating
Units
Power Supply
VCC
+7
V
Control Input Voltage
/RE, DE
-0.3 to VCC+0.3
V
Transmitter Input Voltage
DI
-0.3 to VCC+0.3
V
Transmitter Output Voltage
A, B
-8 to +13
V
Receiver Input Voltage
A, B
-8 to +13
V
Receiver Output Voltage
RO
-0.3 to VCC+0.3
V
Operating Temperature
-40 to +85
℃
DC Electrical Characteristics
(VCC=+5V±5℅,TA=-40℃~+85℃,Typical Values are VCC=+5V and TA=25℃)(Note 1)
Parameter
Symbol
Conditions
MIN
TYP
MAX
UNITS
Power Supply
Vcc
4.5
5.5
V
Driver
Differential
Driver
Output(no load)
VOD1
Figure 1
5
V
Differential
Driver
Output
VOD2
Figure 1,R=27
1.5
V
Change in Magnitude
of
Differential
Output
Voltage
(Note 2)
∆VOD
Figure 1,R=27
0.2
V
Driver
Common-mode
Output Voltage
VOC
Figure 1,R=27
3
V
Change
in
Magnitude
of
Common-Mode
Voltage(Note 2)
∆VOC
Figure 1,R=27
0.2
V
Input High Voltage
VIH1
DE,DI,/RE
2.0
V
Input Low Voltage
VIL1
DE,DI,/RE
0.8
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com