Electronic Components Datasheet Search
  English  ▼

X  

1EDI2002AS Datasheet(PDF) 35 Page - Infineon Technologies AG

Part # 1EDI2002AS
Description  Single Channel Isolated Driver for Inverter Systems AD Step
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

1EDI2002AS Datasheet(HTML) 35 Page - Infineon Technologies AG

Back Button 1EDI2002AS Datasheet HTML 31Page - Infineon Technologies AG 1EDI2002AS Datasheet HTML 32Page - Infineon Technologies AG 1EDI2002AS Datasheet HTML 33Page - Infineon Technologies AG 1EDI2002AS Datasheet HTML 34Page - Infineon Technologies AG 1EDI2002AS Datasheet HTML 35Page - Infineon Technologies AG 1EDI2002AS Datasheet HTML 36Page - Infineon Technologies AG 1EDI2002AS Datasheet HTML 37Page - Infineon Technologies AG 1EDI2002AS Datasheet HTML 38Page - Infineon Technologies AG 1EDI2002AS Datasheet HTML 39Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 147 page
background image
EiceDRIVER
™ SIL
1EDI2002AS
Functional Description
Datasheet
35
Rev. 3.1, 2015-07-30
Hardware Description
2.4.5.2
Definitions
2.4.5.2.1
Events and State Transitions
The transitions from one state to the other are based on “events” and / or SPI commands. The following
classification is chosen for defining the events.
Events Class A
The following (exhaustive) list of events are defined as Events Class A:
•
Occurrence of a DESAT event (leads to a safe turn-off sequence).
•
Occurrence of an OCP event (leads to a safe turn-off sequence).
•
Valid to Invalid transition on EN/FEN signal (leads to a regular turn-off sequence).
•
Tristate event due to an Output Stage Monitoring event.
•
Tristate event due to the activation of signal OSD.
When an Event Class A occurs, the output stage either initiates either a safe turn-off sequence (DESAT, OCP, or
a regular turn-off sequence (EN/FEN event) or goes in tristate (tristate event). The event is notified via an error bit
in the corresponding register.
Note: Contrarily to a reset event, an Event Class A does not affect the contents of the configuration registers.
When an Event Class A occurs, the device may change its operating mode depending on which mode is active
when the event occurs:
•
If it was in OPM4, it goes in OPM3.
•
If it was in OPM6, it goes in OPM5.
In all other cases, the OPM is unaffected. A state transition due to an Event Class A leads to the activation of signal
NFLTA. If no state transition occurs (if for example the device was not in OPM4 or OPM6), NFLTA is not activated
(exception: tristate event - see Chapter 2.4.7 for more details on failure notifications).
Events Class B
The following (exhaustive) list of events are defined as Events Class B:
•
Occurrence of a UVLO2 event.
•
Occurrence of a OVLO2 event.
•
Occurrence of a UVLO3 event.
•
Occurrence of a OVLO3 event (with bit SCFG2.OVLO3D set).
•
Internal Supervision Error.
•
Verification Mode Time Out Error
When an Event Class B occurs, the output stage initiates a regular turn-off sequence. The event is notified via an
error bit in the corresponding register and (possibly) via the signal NFLTB.
Note: Events Class B may affect the contents of the configuration registers.
When an Event Class B occurs, the device may change its operating mode depending on which mode is active
when the event occurs: if it was not in OPM1, it goes to OPM1. It is unaffected otherwise
A state transition due to an Event Class B leads to the activation of signal NFLTB. If no state transition occurs (if
for example the device was already in OPM1), NFLTB is not activated. See Chapter 2.4.7 for more details on
failure notifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com