| Electronic Components Datasheet Search |
|
1EDI2002AS Datasheet(PDF) 76 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
1EDI2002AS Datasheet(HTML) 76 Page - Infineon Technologies AG |
|
76 / 147 page ![]() EiceDRIVER ™ SIL 1EDI2002AS Protection and Diagnostics Datasheet 76 Rev. 3.1, 2015-07-30 Hardware Description 3.5.3 DESAT Supervision Level 1 The DESAT Supervision Level 1 functionality is summarized in Table 3-14: The purpose of the DESAT Supervision Level 1 function is to verify that the DESAT feature is operational over the whole life time of the application. Since the DESAT supervision is intrusive, it is intended to be executed when the device is in Mode OPM5 and OPM6 (e.g. after power-up during the initialization phase). This mechanism aims at generating artificially a DESAT error, verifying that it is recognized by the device and that an error notification is correctly issued to the primary logic. When this function is triggered, the driver enters a special mode where the signal input of the comparator is internally pulled up above the threshold voltage (see Figure 3-1). The DESAT function works normally otherwise. When the device enters OPM6 and turns on, after the blanking time has elapsed, a DESAT error is generated, with the corresponding actions being triggered by the device. The INP signal is issued at the output stage (weak turn-on). 3.5.4 DESAT Supervision Level 2 The DESAT Supervision Level 2 functionality is summarized in Table 3-15: The purpose of the DESAT Supervision Level 2 function is to verify that the DESAT feature is operational over the whole life time of the application. Since the DESAT supervision is intrusive, it is intended to be executed when the device is in Mode OPM5 and OPM6 (e.g. after power-up during the initialization phase). This mechanism aims at generating artificially a DESAT error, verifying that it is recognized by the device and that an error notification is correctly issued to the primary logic. When this function is triggered, the driver enters a special mode where, as soon as the device is in OPM6 and a PWM turn-on command is received, no action is executed on the output stage. However, the DESAT logic works normally. It means that after the blanking time has elapsed, the voltage on pin DESAT should exceed the DESAT threshold level, leading to a DESAT error, with the corresponding actions being triggered by the driver. The INP signal is not issued at the output stage. Table 3-14 DESAT Supervision Level 1 Overview Parameter Short Description Function Supervision of the DESAT functionality. Periodicity On request. Action in case of failure event N.a. Programmability No In-System Testability No Table 3-15 DESAT Supervision Level 2 Overview Parameter Short Description Function Supervision of the DESAT functionality. Periodicity On request. Action in case of failure event N.a. Programmability No In-System Testability No |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |