Electronic Components Datasheet Search
  English  ▼

X  

BL8506D Datasheet(PDF) 4 Page - SHANGHAI BELLING CO., LTD.

Part # BL8506D
Description  High-precision Low Voltage Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8506D Datasheet(HTML) 4 Page - SHANGHAI BELLING CO., LTD.

  BL8506D Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8506D Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8506D Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8506D Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8506D Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8506D Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8506D Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8506D Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8506D Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
http://www.belling.com.cn
- 4-
3/22/2013
Total 12 Pages
BL8506D
Electrical Characteristics:
:
:
:
(Typical values are at Ta=+25℃)
Parameter
Symbol
Test Condition
Rank
MIN.
TYP.
MAX.
Unit
Circuit
0.7936
0.800
0.8064
8208
0.7800
-
0.8200
0.8928
0.900
0.9072
8209
0.8775
-
0.9225
0.9920
1.000
1.0080
8210
0.9750
-
1.0250
1.0912
1.100
1.1088
8211
1.0725
-
1.1275
1.1904
1.200
1.2096
8212
1.1700
-
1.2300
1.2896
1.300
1.3104
8213
1.2675
-
1.3325
1.3888
1.400
1.4112
8214
1.3650
-
1.4350
1.4880
1.500
1.5120
8215
1.4625
-
1.5375
1.5872
1.600
1.6128
8216
1.5600
-
1.6400
1.6864
1.700
1.7136
8217
1.6575
-
1.7425
1.7856
1.800
1.8144
8218
1.7550
-
1.8450
1.8848
1.900
1.9152
8219
1.8525
-
1.9475
1.9900
2.000
2.0100
8220
1.9500
-
2.0500
2.0895
2.100
2.1105
8221
2.0475
-
2.1525
2.1890
2.200
2.2110
8222
2.1450
-
2.2550
2.2885
2.300
2.3115
8223
2.2425
-
2.3575
2.3880
2.400
2.4120
8224
2.3400
-
2.4600
2.4875
2.500
2.5125
8225
2.4375
-
2.5625
2.5870
2.600
2.6130
8226
2.5350
-
2.6650
2.6865
2.700
2.7135
8227
2.6325
-
2.7675
2.7860
2.800
2.8140
Reset
Threshold
VTH
上段
Ta=+25℃
下段
Ta=-40℃~
+85℃
8228
2.7300
-
2.8700
V
2
(Note2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com