Electronic Components Datasheet Search
  English  ▼

X  

BL8506D Datasheet(PDF) 7 Page - SHANGHAI BELLING CO., LTD.

Part # BL8506D
Description  High-precision Low Voltage Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8506D Datasheet(HTML) 7 Page - SHANGHAI BELLING CO., LTD.

Back Button BL8506D Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8506D Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8506D Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8506D Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8506D Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8506D Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8506D Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL8506D Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL8506D Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
http://www.belling.com.cn
- 7-
3/22/2013
Total 12 Pages
BL8506D
IOL2
VDD=1.2V, VDS=0.5V
VTH≧1.3V
8213~
8260
0.23
2.00
-
IOL3
VDD=2.4V, VDS=0.5V
VTH≧2.5V
8225~
8260
1.60
8.00
-
IOL4
VDD=3.6V, VDS=0.5V
VTH≧3.7V
8237~
8260
3.20
12.0
-
Output Leakage
Current
Ileak
VDD=10V、OUT=10V
(IC-PST82XX series
only)
8208~
8260
-
-
0.1
µ
A
3
Test Circuit:
:
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com