Electronic Components Datasheet Search
  English  ▼

X  

BL8549 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8549
Description  40V Backlight LED Driver with PWM Direct Dimming
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8549 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8549 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8549 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8549 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8549 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8549 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8549 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.belling.com.cn
1
40V Backlight LED Driver with PWM Direct Dimming
BL8549
DESCRIPTION
The BL8549 is a high efficiency current-mode
asynchronous, 40V boost converter for LED
backlight driving. Its input voltage ranges from
2.5V to 4.5V and it provides an adjustable
constant current output decided by the Rset
connected to BL8549’s FB pin. The LED brightness
can also be controlled by a PWM signal directly
set to CE pin, making dimming control very
simple.
The BL8549’s switching frequency is set to
600KHz, and it will automatically switch between
PFM and PWM mode based on the load current,
thus to enhance the converter efficiency at light
load as well as heavy load.
BL8549 consists of many protection blocks such
as UVLO, output voltage over voltage protection,
and thermal protection to keep the chip and load
safe under unexpected environment.
The BL8549 is available in the tiny DFN2x2-6 and
SOT23-6 package.
FEATURES
 Adjustable Output Voltage, Vfb=0.2V
 Output voltage 40V, driving up to 12 LED string
 Range of operation input voltage: 2.5 – 4.5V
 Output Overvoltage Protection @40V
 CE pin PWM direct dimming function
 Line regulation: 0.1%/V (typ.)
 Load regulation: 10mV (typ.)
 High efficiency, up to 90% in driving 10 LEDs
 Environment Temperature: -20C~85C
APPLICATIONS
 Smartphone
 7” MID
 Portable DVD
 TFT LCD bias
 Portable LED lighting or torch
 Other application need high voltage
TYPICAL APPLICATION and PIN OUT
Efficiency for Driving 10 LEDs
40
45
50
55
60
65
70
75
80
85
90
95
100
0
10
20
30
40
50
Output Current (mA)
Efficiency VS Iout for 10 LEDs
Vin=3.6V
Vin=3.8V
Vin=4.2V
BL8549


Similar Part No. - BL8549

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8541 BELLING-BL8541 Datasheet
806Kb / 6P
0.9V startup, 1A True Shut-Off Synchronous Boost DC-DC converter
BL8542B BELLING-BL8542B Datasheet
535Kb / 6P
0.85V startup, 1MHz, 300mA Iout, Synchronous Boost Converter
BL8542C BELLING-BL8542C Datasheet
329Kb / 6P
Low Voltage Startup, 1MHz 500mA Synchronous Step-Up DC-DC
BL8545 BELLING-BL8545 Datasheet
205Kb / 6P
Max. 3MHz, Variable Frequency Step-up DC/DC Converter
BL8548 BELLING-BL8548 Datasheet
415Kb / 6P
Max. 3MHz, Variable Frequency Step-up DC-DC Converter
More results

Similar Description - BL8549

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3380 ISSI-IS31LT3380 Datasheet
444Kb / 12P
40V/1.2A LED DRIVER WITH SWITCH DIMMING
logo
List of Unclassifed Man...
ZLED7530 ETC2-ZLED7530 Datasheet
2Mb / 24P
High Current 40V LED Driver with Switch Dimming
logo
Integrated Device Techn...
ZLED7030 IDT-ZLED7030 Datasheet
615Kb / 22P
High Current 40V LED Driver with Switch Dimming
logo
Integrated Silicon Solu...
IS31LT3380-GRLS3 ISSI-IS31LT3380-GRLS3 Datasheet
444Kb / 12P
40V/1.2A LED DRIVER WITH SWITCH DIMMING
logo
E-CMOS Corporation
EC4215 E-CMOS-EC4215 Datasheet
257Kb / 6P
Constant Current LED Driver with PWM Dimming
logo
ETA SOLUTIONS CO. LIMIT...
ETA1165 ETA-ETA1165 Datasheet
195Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
ETA1168 ETA-ETA1168 Datasheet
219Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
BUCK LED DRIVER WITH PWM DIMMING
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
LED Driver with PWM Dimming Control
logo
Shenzhen Huazhimei Semi...
HM5668 HMSEMI-HM5668 Datasheet
649Kb / 6P
40V Step-Up Regulator for White LED Driver with PWM Dimming
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com