Electronic Components Datasheet Search
  English  ▼

X  

BL8549 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8549
Description  40V Backlight LED Driver with PWM Direct Dimming
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8549 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8549 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8549 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8549 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8549 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8549 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8549 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.belling.com.cn
2
BL8549
PACKAGE, MARK and ORDERING INFORMATION
Package
DFN2x2-6
Mark
Explanation
Ordering
Information
Package
SOT23-6
Mark
Explanation
Ordering
Information
LT:
Product Code
Product ID:
BL8549CKCTR
SOT23-6
SW
FB
CE
GND
VIN
XXYW
COMP
2
3
6
5
4
1
LT:
Product Code
Product ID:
BL8549CB6TR
YW:
Date Code
Devices/Reel:
3000
YW:
Date Code
Devices/Reel:
3000
PINOUT DESCRIPTION
NAME
PIN #
DESCRIPTION
DFN2x2-6
SOT23-6
FB
1
3
Feedback input with reference voltage set to 0.2V
Comp
2
1
Compensation pin, to connect a 220nF capacitor to make loop stable.
GND
3
2
Ground.
SW
4
6
Power switching node to connect inductor
CE
5
5
Chip enable, but a PWM signal with various duty cycle can directly sent to CE pin to
achieve the backlight dimming
VIN
6
4
Power input, 1uf input capacitor is recommended.
BLOCK DIAGRAM
FB
SW
Vin
GND
CE
Comp
LTYW
LT
YW



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com