Electronic Components Datasheet Search
  English  ▼

X  

RCR5 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # RCR5
Description  REMOTE CONTROLLER WITH SEVEN FUNCTIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCR5 Datasheet(HTML) 2 Page - Unisonic Technologies

  RCR5 Datasheet HTML 1Page - Unisonic Technologies RCR5 Datasheet HTML 2Page - Unisonic Technologies RCR5 Datasheet HTML 3Page - Unisonic Technologies RCR5 Datasheet HTML 4Page - Unisonic Technologies RCR5 Datasheet HTML 5Page - Unisonic Technologies RCR5 Datasheet HTML 6Page - Unisonic Technologies RCR5 Datasheet HTML 7Page - Unisonic Technologies RCR5 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RCR5
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R112-003.a
PIN CONFIGURATIONS
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VO2
Inverter 2 output pin for signal amplify
2
GND
Ground
3
SI
Input pin of the encoding signal
4
OSCI
Oscillator input pin
5
OSCO
Oscillator output pin
6
F1
F1 function output pin
7
RIGHT
Rightward output pin
8
F2
F2 function output pin
9
LEFT
Leftward output pin
10
VT
Auto Shut-OFF input pin. If VT voltage exceeds 1.4V, all outputs shut off automatically.
11
RDB
Right disable pin.
12
LDB
Left disable pin.
13
LRTD
Left/right turbo disable pin
14
BACKWARD Backward output pin
15
F4
F4 function output pin
16
FORWARD
Forward output pin
17
F3
F3 function output pin
18
TURBO
TURBO output pin
19
VDD
Power supply
20
VI1
Inverter 1 input pin for signal amplify
21
VO1
Inverter 1 output pin for signal amplify
22
VI2
Inverter 2 input pin for signal amplify



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com