Electronic Components Datasheet Search
  English  ▼

X  

RCR5 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # RCR5
Description  REMOTE CONTROLLER WITH SEVEN FUNCTIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCR5 Datasheet(HTML) 1 Page - Unisonic Technologies

  RCR5 Datasheet HTML 1Page - Unisonic Technologies RCR5 Datasheet HTML 2Page - Unisonic Technologies RCR5 Datasheet HTML 3Page - Unisonic Technologies RCR5 Datasheet HTML 4Page - Unisonic Technologies RCR5 Datasheet HTML 5Page - Unisonic Technologies RCR5 Datasheet HTML 6Page - Unisonic Technologies RCR5 Datasheet HTML 7Page - Unisonic Technologies RCR5 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
RCR5
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R112-003.a
REMOTE CONTROLLER WITH
NINE FUNCTIONS
DESCRIPTION
The UTC RCR5 is a CMOS LSI and designed as receiver that
complement to UTC RCT5 for remote controlled car applications. It
provide nine control keys controlling the motions, which are
forward, backward, rightward, leftward, four function keys, and the
turbo function, of the remote controlled car.
UTC RCR5 have Forward (Backward) combined with the turbo
application.
During
normal
operation
without
Turbo,
Forward
(Backward) output from UTC RCR5 sends a 60Hz signal. When
Forward (Backward) and Turbo are both in effect, the output signal
becomes completely high.
FEATURES
* Operating voltage range: 2.4V~4.0V
* Built-in 4.2V zener
* Few external components needed
* 9-function remote controller controlling Forward/ Backward/ Turbo/
Right-turn/ Left turn/ four function keys
* Complement to UTC RCT5.
DIP-22
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
RCR5L-D22-T
RCR5G-D22-T
DIP-22
Tube
MARKING


Similar Part No. - RCR5

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RCR50 TOKEN-RCR50 Datasheet
336Kb / 3P
RCR Anti-Surge Resistors
RCR500 TOKEN-RCR500 Datasheet
336Kb / 3P
RCR Anti-Surge Resistors
RCR501/2W100RJP TOKEN-RCR501/2W100RJP Datasheet
419Kb / 5P
Pulse Load Anti-Surge Resistors
RCR501/2W100RJTB TOKEN-RCR501/2W100RJTB Datasheet
419Kb / 5P
Pulse Load Anti-Surge Resistors
RCR501/2W1R0JP TOKEN-RCR501/2W1R0JP Datasheet
419Kb / 5P
Pulse Load Anti-Surge Resistors
More results

Similar Description - RCR5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RX-5 ETC-RX-5 Datasheet
145Kb / 10P
REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
Silan Microelectronics ...
TX-2B SILAN-TX-2B Datasheet
133Kb / 10P
REMOTE CONTROLLER WITH FIVE FUNCTIONS
RX-3 SILAN-RX-3 Datasheet
67Kb / 4P
REMOTE CONTROLLER WITH TWO FUNCTIONS
logo
Unisonic Technologies
RCT6 UTC-RCT6 Datasheet
251Kb / 8P
REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
Silan Microelectronics ...
TX-6B SILAN-TX-6B Datasheet
282Kb / 11P
TOY CAR REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
Unisonic Technologies
RCR6C UTC-RCR6C Datasheet
220Kb / 8P
REMOTE CONTROLLER WITH SEVEN FUNCTIONS
RCR6C UTC-RCR6C_15 Datasheet
253Kb / 8P
REMOTE CONTROLLER WITH SEVEN FUNCTIONS
RCT6 UTC-RCT6_15 Datasheet
224Kb / 8P
REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
SHENZHEN FUMAN ELECTRON...
SCTX5A FUMAN-SCTX5A Datasheet
224Kb / 7P
REMOTE CONTROLLER WITH NINE FUNCTIONS
SCTX6A FUMAN-SCTX6A Datasheet
246Kb / 7P
REMOTE CONTROLLER WITH SECEN FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com