Electronic Components Datasheet Search
  English  ▼

X  

U74AHCT1G125G-AF5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74AHCT1G125G-AF5-R
Description  SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHCT1G125G-AF5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74AHCT1G125G-AF5-R Datasheet HTML 1Page - Unisonic Technologies U74AHCT1G125G-AF5-R Datasheet HTML 2Page - Unisonic Technologies U74AHCT1G125G-AF5-R Datasheet HTML 3Page - Unisonic Technologies U74AHCT1G125G-AF5-R Datasheet HTML 4Page - Unisonic Technologies U74AHCT1G125G-AF5-R Datasheet HTML 5Page - Unisonic Technologies U74AHCT1G125G-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
U74AHCT1G125
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-093.G
ABSOLUTE MAXIMUM RATINGS (unless otherwise specified)(Note 2)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ 7
V
Input Voltage
VIN
-0.5 ~ 7
V
Output Voltage
VOUT
-0.5 ~ VCC+0.5
V
Input Clamp Current
IIK
-20
mA
Output Clamp Current
IOK
±20
mA
Output Current
IOUT
±25
mA
VCC or GND Current
ICC
±50
mA
Storage Temperature
TSTG
-65 ~ +150
°С
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
RECOMMENDED OPERATING COMDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
4.5
5.5
V
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
VCC
V
Input Transition Rise or Fall Rate
t/v
VCC=5.0+0.5V
20
ns/V
Operating Temperature
TA
-40
125
°С
STATIC CHARACTERISTICS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level
VIH
VCC=4.5V~5.5V
2
V
Input Voltage
Low-Level
VIL
VCC=4.5V~5.5V
0.8
V
IOH=-50μA
4.4
4.5
High-Level
VOH
VCC=4.5V
IOH=-8mA
3.94
V
IOL=50μA
0.1
Output Voltage
Low-Level
VOL
VCC=4.5V
IOH=8mA
0.36
V
Input Leakage Current
II(LEAK) VCC=0V~5.5V, VIN=VCC or GND
±0.1
μA
Output Current, OFF-state
IOZ
VCC=5.5V, VOUT=VCC or GND
±0.25
μA
Quiescent Supply Current
IQ
VCC=5.5V, VIN=VCC or GND, IOUT=0
1
μA
Additional Quiescent Supply
Current
∆IQ
VCC=5.5V, One input at 3.4V, Other
input at VCC or GND
1.35
mA
Input Capacitance
CIN
VCC=5V, VIN=VCC or GND
4
10
pF
Output Capacitance
COUT
VCC=5V, VOUT=VCC or GND
10
pF
DYNAMIC CHARACTERISTICS (TA=25°С, Input: tR, tF≤3ns; PRR≤1MHz)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
3.8
5.5
Propagation Delay From A to Y
tPHL
3.8
5.5
ns
tPZH
3.6
5.1
Turn-On Time OE to Y
tPZL
3.6
5.1
ns
tPHZ
4.6
6.8
Turn-Off Time OE to Y
tPLZ
CL=15pF, VCC =5V±0.5V
4.6
6.8
ns
tPLH
5.3
7.5
Propagation Delay From A to Y
tPHL
5.3
7.5
ns
tPZH
5.1
7.1
Turn-On Time OE to Y
tPZL
5.1
7.1
ns
tPHZ
6.1
8.8
Turn-Off Time OE to Y
tPLZ
CL=50pF, VCC =5V±0.5V
6.1
8.8
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com