Electronic Components Datasheet Search
  English  ▼

X  

U74AHCT1G125G-AF5-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # U74AHCT1G125G-AF5-R
Description  SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHCT1G125G-AF5-R Datasheet(HTML) 1 Page - Unisonic Technologies

  U74AHCT1G125G-AF5-R Datasheet HTML 1Page - Unisonic Technologies U74AHCT1G125G-AF5-R Datasheet HTML 2Page - Unisonic Technologies U74AHCT1G125G-AF5-R Datasheet HTML 3Page - Unisonic Technologies U74AHCT1G125G-AF5-R Datasheet HTML 4Page - Unisonic Technologies U74AHCT1G125G-AF5-R Datasheet HTML 5Page - Unisonic Technologies U74AHCT1G125G-AF5-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
U74AHCT1G125
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-093.G
SINGLE BUS BUFFER GATE
WITH 3-STATE OUTPUT
DESCRIPTION
The UTC U74AHCT1G125 is a single bus buffer gate with 3-state
output controlled by enable input ( OE ), When OE is HIGH, the
output is disabled.
FEATURES
* Operation voltage range: 4.5V ~5.5V
* Low Power Current: ICC=1μA (Max.)
* ±8mA Output Drive at 5V
* Inputs are TTL-Voltage Compatible
ORDERING INFORMATION
Ordering Number
Package
Packing
U74AHCT1G125G-AE5-R
SOT-23-5
Tape Reel
U74AHCT1G125G-AF5-R
SOT-25
Tape Reel
U74AHCT1G125G-AL5-R
SOT-353
Tape Reel
MARKING


Similar Part No. - U74AHCT1G125G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AHCT1G125G-AF5-R UTC-U74AHCT1G125G-AF5-R Datasheet
183Kb / 5P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
U74AHCT1G125G-AF5-R UTC-U74AHCT1G125G-AF5-R Datasheet
189Kb / 6P
SINGLE BUS BUFFER GATE
More results

Similar Description - U74AHCT1G125G-AF5-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUC1G125 TI-SN74AUC1G125 Datasheet
318Kb / 13P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
158Kb / 1P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125 TI-SN74LVC1G125_10 Datasheet
738Kb / 19P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125_101 TI-SN74LVC1G125_101 Datasheet
738Kb / 19P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125 Datasheet
217Kb / 6P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Texas Instruments
SN74AUC1G126 TI1-SN74AUC1G126_07 Datasheet
559Kb / 14P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G126-Q1 TI-SN74LVC1G126-Q1_08 Datasheet
762Kb / 12P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
1P1G126QDBVRQ1 TI1-1P1G126QDBVRQ1 Datasheet
718Kb / 12P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G126 TI1-SN74LVC1G126_16 Datasheet
1Mb / 30P
Single Bus Buffer Gate With 3-State Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com