Electronic Components Datasheet Search
  English  ▼

X  

EL7155CSZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL7155CSZ
Description  High Performance Pin Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7155CSZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL7155CSZ Datasheet HTML 2Page - Intersil Corporation EL7155CSZ Datasheet HTML 3Page - Intersil Corporation EL7155CSZ Datasheet HTML 4Page - Intersil Corporation EL7155CSZ Datasheet HTML 5Page - Intersil Corporation EL7155CSZ Datasheet HTML 6Page - Intersil Corporation EL7155CSZ Datasheet HTML 7Page - Intersil Corporation EL7155CSZ Datasheet HTML 8Page - Intersil Corporation EL7155CSZ Datasheet HTML 9Page - Intersil Corporation EL7155CSZ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
EL7155
6
FN7279.3
October 24, 2014
Submit Document Feedback
FIGURE 8. PROPAGATION DELAY vs SUPPLY VOLTAGE
CL = 2000pF, T = +25°C
FIGURE 9. PROPAGATION DELAY vs TEMPERATURE
CL = 2000pF, VS+ = 15V
FIGURE 10. RISE/FALL TIME vs LOAD CAPACITANCE
VS+ = +15V, T = +25°C
FIGURE 11. SUPPLY CURRENT vs LOAD CAPACITANCE,
VS+ = VH = 15V, VL = 0V, T = +25°C, f = 20kHz
FIGURE 12. SUPPLY CURRENT vs FREQUENCY, CL = 1000pF, T = +25°C
Typical Performance Curves (Continued)
15
13
SUPPLY VOLTAGE (V)
9
17
5
15
11
10
tD-2
tD-1
TEMPERATURE (°C)
6
14
0125
-50
50
12
8
-25
25
75
100
10
tD-2
tD-1
10000
30
LOAD CAPACITANCE (pF)
0
70
100
1000
60
50
40
20
10
tF
tR
100
1000
10000
0
1
4
5
3
2
LOAD CAPACITANCE (pF)
1M
10M
10k
100k
0.1
1.0
10
100
FREQUENCY (Hz)
VS+ = 15V
VS+ = 10V
VS+ = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com