Electronic Components Datasheet Search
  English  ▼

X  

EL7155CSZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL7155CSZ
Description  High Performance Pin Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7155CSZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL7155CSZ Datasheet HTML 2Page - Intersil Corporation EL7155CSZ Datasheet HTML 3Page - Intersil Corporation EL7155CSZ Datasheet HTML 4Page - Intersil Corporation EL7155CSZ Datasheet HTML 5Page - Intersil Corporation EL7155CSZ Datasheet HTML 6Page - Intersil Corporation EL7155CSZ Datasheet HTML 7Page - Intersil Corporation EL7155CSZ Datasheet HTML 8Page - Intersil Corporation EL7155CSZ Datasheet HTML 9Page - Intersil Corporation EL7155CSZ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
EL7155
7
FN7279.3
October 24, 2014
Submit Document Feedback
TABLE 1. TRUTH TABLE
OE
IN
VH to OUTH
OUTL to VL
0
0
Open
Open
0
1
Open
Open
1
0
Closed
Open
1
1
Open
Closed
TABLE 2. OPERATING VOLTAGE RANGE
PIN
MIN (V)
MAX (V)
VL - GND
-5
0
VS+ - VL
5
16.5
VH - VL
0
16.5
VS+ - VH
0
16.5
VS+ - GND
5
16.5
3-State Output
VL
VH
TimingDiagrams
90%
tD1
tD2
tF
10%
INVERTED
OUTPUT
2.5V
5V
INPUT
0
tR
Standard Test Configuration
1
2
3
4
8
7
6
5
EL7155
VH
OUT
VL
VS+
OE
IN
GND
VS+
4.7µ
0.1µ
10k
-
0.1µ
4.7µ
0.1µ
4.7µ
2000p



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com