Electronic Components Datasheet Search
  English  ▼

X  

HFA1135IBZ Datasheet(PDF) 13 Page - Intersil Corporation

Part # HFA1135IBZ
Description  360MHz, Low Power, Video Operational Amplifier with Output Limiting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1135IBZ Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HFA1135IBZ Datasheet HTML 7Page - Intersil Corporation HFA1135IBZ Datasheet HTML 8Page - Intersil Corporation HFA1135IBZ Datasheet HTML 9Page - Intersil Corporation HFA1135IBZ Datasheet HTML 10Page - Intersil Corporation HFA1135IBZ Datasheet HTML 11Page - Intersil Corporation HFA1135IBZ Datasheet HTML 12Page - Intersil Corporation HFA1135IBZ Datasheet HTML 13Page - Intersil Corporation HFA1135IBZ Datasheet HTML 14Page - Intersil Corporation HFA1135IBZ Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
FIGURE 36. OVERDRIVE RECOVERY TIME vs OVERDRIVE
FIGURE 37. OUTPUT VOLTAGE vs TEMPERATURE
FIGURE 38. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 39. RISE AND FALL TIMES vs TEMPERATURE
Typical Performance Curves VSUPPLY = ±5V, TA = 25oC, RF = Value From the Optimum Feedback Resistor Table, RL = 100Ω,
Unless Otherwise Specified (Continued)
100
200
300
400
0
0.5
1.0
1.5
2.0
2.5
OVERDRIVE (% OF VH OR VL)
0
AV = +2
RF = 250Ω
VH = +2V
VH = +3V
VL = -3V
VL = -2V
VH = +1V
VL = -1V
3.6
3.5
3.4
3.3
3.2
3.1
2.9
2.8
2.7
2.6
-50-25
0
2550
75
100
125
TEMPERATURE (oC)
3.0
+VOUT (RL = 50Ω)
|-VOUT| (RL = 50Ω)
+VOUT (RL = 100Ω)
|-VOUT| (RL = 100Ω)
AV = -1
SUPPLY VOLTAGE (
±V)
4.0
4.5
5.0
5.5
6.0
6.5
7.0
6.7
6.8
6.9
7.0
7.1
-75
-50
0
50
100
125
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
TEMPERATURE (oC)
-25
25
75
RISE TIMES
AV = -1
AV = +1
AV = -1
AV = +1
FALL TIMES
AV = +2, RF = 250Ω
AV = +2, RF = 250Ω
VOUT = 500mVP-P
HFA1135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com