Electronic Components Datasheet Search
  English  ▼

X  

HFA1135IBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # HFA1135IBZ
Description  360MHz, Low Power, Video Operational Amplifier with Output Limiting
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1135IBZ Datasheet(HTML) 2 Page - Intersil Corporation

  HFA1135IBZ Datasheet HTML 1Page - Intersil Corporation HFA1135IBZ Datasheet HTML 2Page - Intersil Corporation HFA1135IBZ Datasheet HTML 3Page - Intersil Corporation HFA1135IBZ Datasheet HTML 4Page - Intersil Corporation HFA1135IBZ Datasheet HTML 5Page - Intersil Corporation HFA1135IBZ Datasheet HTML 6Page - Intersil Corporation HFA1135IBZ Datasheet HTML 7Page - Intersil Corporation HFA1135IBZ Datasheet HTML 8Page - Intersil Corporation HFA1135IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Absolute Maximum Ratings TA = 25oC
Thermal Information
Voltage Between V+ and V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11V
DC Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8V
Output Current (Note 1) . . . . . . . . . . . . . . . . .Short Circuit Protected
30mA Continuous
60mA
≤ 50% Duty Cycle
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>600V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
165
Maximum Junction Temperature (Die Only) . . . . . . . . . . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
VSUPPLY = ±5V, AV = +1, RF = 510Ω (Note 3), RL = 100Ω, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
(NOTE 2)
TEST
LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Input Offset Voltage
A
25
-
2
5
mV
AFull
-
3
8
mV
Average Input Offset Voltage Drift
B
Full
-
1
10
µV/oC
Input Offset Voltage
Common-Mode Rejection Ratio
∆VCM = ±1.8V
A
25
47
50
-
dB
∆VCM = ±1.8V
A
85
45
48
-
dB
∆V
CM = ±1.2V
A
-40
45
48
-
dB
Input Offset Voltage
Power Supply Rejection Ratio
∆VPS = ±1.8V
A
25
50
54
-
dB
∆VPS = ±1.8V
A
85
47
50
-
dB
∆V
PS = ±1.2V
A
-40
47
50
-
dB
Non-Inverting Input Bias Current
A
25
-
6
15
µA
A
Full
-
10
25
µA
Non-Inverting Input Bias Current Drift
B
Full
-
5
60
nA/oC
Non-Inverting Input Bias Current
Power Supply Sensitivity
∆VPS = ±1.8V
A
25
-
0.5
1
µA/V
∆VPS = ±1.8V
A
85
-
0.8
3
µA/V
∆V
PS = ±1.2V
A
-40
-
0.8
3
µA/V
Non-Inverting Input Resistance
∆VCM = ±1.8V
A
25
0.8
2
-
M
Ω
∆VCM = ±1.8V
A
85
0.5
1.3
-
M
Ω
∆V
CM = ±1.2V
A
-40
0.5
1.3
-
M
Ω
Inverting Input Bias Current
A
25
-
0.1
4
µA
AFull
-
3
8
µA
Inverting Input Bias Current Drift
B
Full
-
60
200
nA/oC
Inverting Input Bias Current
Common-Mode Sensitivity
∆VCM = ±1.8V
A
25
-
3
6
µA/V
∆VCM = ±1.8V
A
85
-
4
8
µA/V
∆V
CM = ±1.2V
A
-40
-
4
8
µA/V
Inverting Input Bias Current
Power Supply Sensitivity
∆VPS = ±1.8V
A
25
-
2
5
µA/V
∆VPS = ±1.8V
A
85
-
4
8
µA/V
∆V
PS = ±1.2V
A
-40
-
4
8
µA/V
Inverting Input Resistance
C
25
-
40
-
Ω
Input Capacitance (Either Input)
C
25
-
1.6
-
pF
HFA1135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com