| Electronic Components Datasheet Search |
|
AM3359 Datasheet(PDF) 72 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM3359 Datasheet(HTML) 72 Page - Texas Instruments |
|
72 / 248 page ![]() AM3359, AM3358, AM3357, AM3356, AM3354, AM3352 SPRS717H – OCTOBER 2011 – REVISED MAY 2015 www.ti.com GEMAC_CPSW/RGMII1 Signals Description (continued) TYPE SIGNAL NAME [1] DESCRIPTION [2] ZCE BALL [4] ZCZ BALL [4] [3] rgmii1_rd0 RGMII Receive Data bit 0 I P18 M16 rgmii1_rd1 RGMII Receive Data bit 1 I P19 L15 rgmii1_rd2 RGMII Receive Data bit 2 I N16 L16 rgmii1_rd3 RGMII Receive Data bit 3 I N17 L17 rgmii1_tclk RGMII Transmit Clock O N19 K18 rgmii1_tctl RGMII Transmit Control O K17 J16 rgmii1_td0 RGMII Transmit Data bit 0 O L18 K17 rgmii1_td1 RGMII Transmit Data bit 1 O M18 K16 rgmii1_td2 RGMII Transmit Data bit 2 O N18 K15 rgmii1_td3 RGMII Transmit Data bit 3 O M17 J18 GEMAC_CPSW/RGMII2 Signals Description TYPE SIGNAL NAME [1] DESCRIPTION [2] ZCE BALL [4] ZCZ BALL [4] [3] rgmii2_rclk RGMII Receive Clock I NA T15 rgmii2_rctl RGMII Receive Control I NA V14 rgmii2_rd0 RGMII Receive Data bit 0 I NA V17 rgmii2_rd1 RGMII Receive Data bit 1 I NA T16 rgmii2_rd2 RGMII Receive Data bit 2 I NA U16 rgmii2_rd3 RGMII Receive Data bit 3 I NA V16 rgmii2_tclk RGMII Transmit Clock O NA U15 rgmii2_tctl RGMII Transmit Control O NA R13 rgmii2_td0 RGMII Transmit Data bit 0 O NA V15 rgmii2_td1 RGMII Transmit Data bit 1 O NA R14 rgmii2_td2 RGMII Transmit Data bit 2 O NA T14 rgmii2_td3 RGMII Transmit Data bit 3 O NA U14 GEMAC_CPSW/RMII1 Signals Description TYPE SIGNAL NAME [1] DESCRIPTION [2] ZCE BALL [4] ZCZ BALL [4] [3] rmii1_crs_dv RMII Carrier Sense / Data Valid I J18 H17 rmii1_refclk RMII Reference Clock I/O K18 H18 rmii1_rxd0 RMII Receive Data bit 0 I P18 M16 rmii1_rxd1 RMII Receive Data bit 1 I P19 L15 rmii1_rxer RMII Receive Data Error I K19 J15 rmii1_txd0 RMII Transmit Data bit 0 O L18 K17 rmii1_txd1 RMII Transmit Data bit 1 O M18 K16 rmii1_txen RMII Transmit Enable O K17 J16 GEMAC_CPSW/RMII2 Signals Description TYPE SIGNAL NAME [1] DESCRIPTION [2] ZCE BALL [4] ZCZ BALL [4] [3] rmii2_crs_dv RMII Carrier Sense / Data Valid I R15, U17 T13, T17 rmii2_refclk RMII Reference Clock I/O J19 H16 rmii2_rxd0 RMII Receive Data bit 0 I NA V17 rmii2_rxd1 RMII Receive Data bit 1 I NA T16 rmii2_rxer RMII Receive Data Error I W18 U17 rmii2_txd0 RMII Transmit Data bit 0 O NA V15 72 Terminal Configuration and Functions Copyright © 2011–2015, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |