Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 3 Page - Texas Instruments

Part # AM3359
Description  AM335x Sitara Processors
PDF  248 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Datasheet(HTML) 3 Page - Texas Instruments

  AM3359_15 Datasheet HTML 1Page - Texas Instruments AM3359_15 Datasheet HTML 2Page - Texas Instruments AM3359_15 Datasheet HTML 3Page - Texas Instruments AM3359_15 Datasheet HTML 4Page - Texas Instruments AM3359_15 Datasheet HTML 5Page - Texas Instruments AM3359_15 Datasheet HTML 6Page - Texas Instruments AM3359_15 Datasheet HTML 7Page - Texas Instruments AM3359_15 Datasheet HTML 8Page - Texas Instruments AM3359_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 248 page
background image
AM3359, AM3358, AM3357, AM3356, AM3354, AM3352
www.ti.com
SPRS717H – OCTOBER 2011 – REVISED MAY 2015
•
Fully Virtualized Memory Addressing for OS
– Up to Three 32-Bit Enhanced Quadrature
Operation in a Unified Memory Architecture
Encoder Pulse (eQEP) Modules
– LCD Controller
• Device Identification
– Contains Electrical Fuse Farm (FuseFarm) of
•
Up to 24-Bit Data Output; 8 Bits per Pixel
Which Some Bits are Factory Programmable
(RGB)
•
Production ID
•
Resolution up to 2048 × 2048 (With
Maximum 126-MHz Pixel Clock)
•
Device Part Number (Unique JTAG ID)
•
Integrated LCD Interface Display Driver
•
Device Revision (Readable by Host ARM)
(LIDD) Controller
• Debug Interface Support
•
Integrated Raster Controller
– JTAG and cJTAG for ARM (Cortex-A8 and
•
Integrated DMA Engine to Pull Data from the
PRCM), PRU-ICSS Debug
External Frame Buffer Without Burdening the
– Supports Device Boundary Scan
Processor via Interrupts or a Firmware Timer
– Supports IEEE 1500
•
512-Word Deep Internal FIFO
• DMA
•
Supported Display Types:
– On-Chip Enhanced DMA Controller (EDMA) has
–
Character Displays - Uses LIDD
Three Third-Party Transfer Controllers (TPTCs)
Controller to Program these Displays
and One Third-Party Channel Controller
–
Passive Matrix LCD Displays - Uses LCD
(TPCC), Which Supports up to 64
Raster Display Controller to Provide
Programmable Logical Channels and Eight
Timing and Data for Constant Graphics
QDMA Channels. EDMA is Used for:
Refresh to a Passive Display
•
Transfers to and from On-Chip Memories
–
Active Matrix LCD Displays - Uses
•
Transfers to and from External Storage
External Frame Buffer Space and the
(EMIF, GPMC, Slave Peripherals)
Internal DMA Engine to Drive Streaming
• Inter-Processor Communication (IPC)
Data to the Panel
– Integrates Hardware-Based Mailbox for IPC and
– 12-Bit Successive Approximation Register
Spinlock for Process Synchronization Between
(SAR) ADC
Cortex-A8, PRCM, and PRU-ICSS
•
200K Samples per Second
•
Mailbox Registers that Generate Interrupts
•
Input can be Selected from any of the Eight
–
Four Initiators (Cortex-A8, PRCM, PRU0,
Analog Inputs Multiplexed Through an 8:1
PRU1)
Analog Switch
•
Spinlock has 128 Software-Assigned Lock
•
Can be Configured to Operate as a 4-Wire,
Registers
5-Wire, or 8-Wire Resistive Touch Screen
• Security
Controller (TSC) Interface
– Crypto Hardware Accelerators (AES, SHA, PKA,
– Up to Three 32-Bit eCAP Modules
RNG)
•
Configurable as Three Capture Inputs or
• Boot Modes
Three Auxiliary PWM Outputs
– Boot Mode is Selected via Boot Configuration
– Up to Three Enhanced High-Resolution PWM
Pins Latched on the Rising Edge of the
Modules (eHRPWMs)
PWRONRSTn Reset Input Pin
•
Dedicated 16-Bit Time-Base Counter With
• Packages:
Time and Frequency Controls
– 298-Pin S-PBGA-N298 Via Channel Package
•
Configurable as Six Single-Ended, Six Dual-
(ZCE Suffix), 0.65-mm Ball Pitch
Edge Symmetric, or Three Dual-Edge
– 324-Pin S-PBGA-N324 Package
Asymmetric Outputs
(ZCZ Suffix), 0.80-mm Ball Pitch
1.2
Applications
•
Gaming Peripherals
•
Connected Vending Machines
•
Home and Industrial Automation
•
Weighing Scales
•
Consumer Medical Appliances
•
Educational Consoles
•
Printers
•
Advanced Toys
•
Smart Toll Systems
Copyright © 2011–2015, Texas Instruments Incorporated
Device Overview
3
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com