Electronic Components Datasheet Search
  English  ▼

X  

M35055 Datasheet(PDF) 23 Page - Mitsubishi Electric Semiconductor

Part # M35055
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS????
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35055 Datasheet(HTML) 23 Page - Mitsubishi Electric Semiconductor

Back Button M35055 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M35055 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M35055 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M35055 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M35055 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M35055 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M35055 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M35055 Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M35055 Datasheet HTML 27Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
M35054-XXXFP/M35055-XXXFP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
23
Fig. 12 Character font and border
(1) Border display (set by register BLK0, 1 (address F816))
(2) Cursor display (Border display)
CHARACTER FONT
Images are composed on a 12 ! 18 dot matrix, and characters can
be linked vertically and horizontally with other characters to allow the
display the continuous symbols.
Character code “FF16” is so fixed as to be blank and to have no
background, thus cannot assign a character font to this code.
Note: Hatching represents border.
12 dots
Positioning the
cursor at the
17th dot.
Positioning the
cursor at the
18th dot.
Character
Note: When the cursor positioning
at the bottom (18th) dot, no
border is left at the bottom.
When the character extends to the
top dot of the matrix, no border is
left at the top.
When the character extends to
the bottom (18th) dot of the matrix,
no border is left at the bottom.
Register CL17/18 =“0”
Register CL17/18 (address F716) = “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com