Electronic Components Datasheet Search
  English  ▼

X  

M35055 Datasheet(PDF) 28 Page - Mitsubishi Electric Semiconductor

Part # M35055
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS????
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35055 Datasheet(HTML) 28 Page - Mitsubishi Electric Semiconductor

Back Button M35055 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M35055 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M35055 Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M35055 Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M35055 Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M35055 Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M35055 Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M35055 Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M35055 Datasheet HTML 32Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
M35054-XXXFP/M35055-XXXFP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
28
24 characters!10 lines
32 characters!7 lines
Symbol
VDD
VI
VO
Pd
Topr
Tstg
Parameter
Supply voltage
Input voltage
Output voltage
Power dissipation
Operating temperature
Storage temperature
Conditions
With respect to VSS
Ta=25
°C
Ratings
–0.3~6.0
VSS–0.3
≤VI≤VDD+0.3
VSS
≤VO≤VDD
300
–20~70
–40~125
Unit
V
V
V
mW
°C
°C
Limits
Min.
4.75
0.8!VDD
0
–
0.3VP-P
–
–
–
Typ.
5.00
VDD
0
2.0VP-P
–
3.580
4.434
3.576
480!fH
640!fH
Max.
5.25
VDD
0.2!VDD
–
4.0VP-P
–
–
–
Unit
V
V
V
V
V
MHz
MHz
MHz
Notes 1. Noise component is within 30mV.
Notes 2. fH: Horizontal synchronous frequency (MHz).
Symbol
VDD
IDD
VOH
VOL
RI
Limits
Min.
4.75
–
3.75
–
10
Typ.
5.00
30
–
–
30
Max.
5.25
50
–
0.4
100
Unit
V
mA
V
V
k
Ω
Parameter
Supply voltage
Supply current
“H”level output voltage P0, P1
“L” level output voltage P0, P1
Pull-up resistance
__
__
AC, CS, SCK, SIN, TESTB
Symbol
VDD
VIH
VIL
VCVIN
VOSCIN
fOSCIN
fOSC1
fOSC2
Test conditions
Ta=–20~70
°C
VDD=5.00V
VDD=4.75V, IOH=–0.4mA
VDD=4.75V, IOL=0.4mA
VDD=5.00V
ABSOLUTE MAXIMUM RATINGS (VDD = 5V, Ta = –20 to 70
°C, unless otherwise noted)
RECOMMENDED OPERATING CONDITIONS (VDD = 5V, Ta = –20 to 70
°C, unless otherwise noted)
ELECTRICAL CHARACTERISTICS (VDD = 5V, Ta = 25
°C, unless otherwise noted)
Symbol
VIN-SC
Limits
Min.
–
Typ.
1.5
Max.
–
Unit
V
Parameter
Composite video signal input clamp voltage
Test conditions
Sync-chip voltage
VIDEO SIGNAL INPUT CONDITIONS (VDD = 5V, Ta = –20 to 70
°C, unless otherwise noted)
Parameter
Supply voltage
________
_______
“H”level input voltage AC, CS, SIN, SCK, TESTA, TESTB
___________________
“L” level input voltage AC, CS, SIN, SCK, TESTA, TESTB
CVIN, HOR
Input voltage OSCIN (Note)
Synchronous signal oscillation frequency
(Duty 40~60%)
Display oscillation frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com