Electronic Components Datasheet Search
  English  ▼

X  

NJM3772 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM3772
Description  DUAL STEPPER MOTOR DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3772 Datasheet(HTML) 7 Page - New Japan Radio

  NJM3772 Datasheet HTML 1Page - New Japan Radio NJM3772 Datasheet HTML 2Page - New Japan Radio NJM3772 Datasheet HTML 3Page - New Japan Radio NJM3772 Datasheet HTML 4Page - New Japan Radio NJM3772 Datasheet HTML 5Page - New Japan Radio NJM3772 Datasheet HTML 6Page - New Japan Radio NJM3772 Datasheet HTML 7Page - New Japan Radio NJM3772 Datasheet HTML 8Page - New Japan Radio NJM3772 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NJM3772
External components
The NJM3772 exhibits substantially less power dissipation than most other comparable stepper motor driver ICs on
the market. This has been achieved by creating an external voltage drop in series with the upper transistor in the
output H-bridge, see figure 3. The voltage drop reduces the collector-emitter saturation voltage of the internal
transistor, which can greatly reduce power dissipation of the IC itself. The series resistor, designated R
B , shall be
selected for about 0.5 V voltage drop at the maximum output current. In an application with an output current of
1000 mA (peak), a 0.47 ohm,
1/2 W resistor is the best choice.
In low current applications where power dissipation is not a critical factor, the R
B resistor can of course be
omitted, and the V
MM and VBB pins (pins 5, 11, 18, 27) can all be connected directly to the motor supply voltage VMM.
Contributing to the low power dissipation is the fact that the upper recirculation diodes in the output H- bridge are
connected externally to the circuit. These diodes shall be of fast type, with a t
rr of less than 100 ns. Common types
are UF4001 or BYV27.
A low pass filter in series with the comparator input prevents erroneous switching due to switching transients.
The recommended filter component values, 1 kohm and 820 pF, are suitable for a wide range of motors and
operational conditions.
Since the low-pass filtering action introduces a small delay of the signal to the comparator, peak voltage across
the sensing resistor, and hence the peak motor current, will reach a slightly higher level than than what is defined
by the comparator threshold, V
CH , set by the reference input VR (VCH = 450 mV at VR= 2.5 V).
The time constant of the low-pass filter may therefore be reduced to minimize the delay and optimize low-current
performance. Increasing the time constant may result in unstable switching. The time constant should be adjusted
by changing the C
C value.
The frequency of the clock oscillator is set by the R
T-CT timing components at the RC
pin. The recommended
values result in a clock frequency (= switching frequency) of 26.5 kHz. A lower frequency will result in higher
current ripple, but may improve low-current level linearity. A higher clock frequency reduces current ripple, but
increases the switching losses in the IC and possibly the iron losses in the motor. If the clock frequency needs to
be changed, the C
T capacitor value should be adjusted. The recommended RT resistor value is 15 kohm.
The sensing resistor R
S, should be selected for maximum motor current. The relationship between peak motor
current, reference voltage and the value of R
S is described under Current control above. Be sure not to exceed the
maximum output current which is
1200 mA peak when only one channel is activated. Or recommended output
current, which is 1000 mA peak, when both channels is activated.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com