Electronic Components Datasheet Search
  English  ▼

X  

NJM3772 Datasheet(PDF) 8 Page - New Japan Radio

Part # NJM3772
Description  DUAL STEPPER MOTOR DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3772 Datasheet(HTML) 8 Page - New Japan Radio

  NJM3772 Datasheet HTML 1Page - New Japan Radio NJM3772 Datasheet HTML 2Page - New Japan Radio NJM3772 Datasheet HTML 3Page - New Japan Radio NJM3772 Datasheet HTML 4Page - New Japan Radio NJM3772 Datasheet HTML 5Page - New Japan Radio NJM3772 Datasheet HTML 6Page - New Japan Radio NJM3772 Datasheet HTML 7Page - New Japan Radio NJM3772 Datasheet HTML 8Page - New Japan Radio NJM3772 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NJM3772
Figure 8. Typical thermal resistance vs. PC Board copper area and suggested layout
Thermal resistance [
°C/W]
PCB copper foil area [cm ]
2
80
70
60
50
40
30
20
510
15
20
30
35
25
PLCC package
DIP package
28-pin PLCC
22-pin
DIP
Motor selection
The NJM3772 is designed for two-phase bipolar stepper motors, i.e., motors that have only one winding per
phase.
The chopping principle of the NJM3772 is based on a constant frequency and a varying duty cycle. This scheme
imposes certain restrictions on motor selection. Unstable chopping can occur if the chopping duty cycle exceeds
approximately 50%. See figure 5 for definitions. To avoid this, it is necessary to choose a motor with a low winding
resistance and inductance, i.e. windings with a few turns.
It is not possible to use a motor that is rated for the same voltage as the actual supply voltage. Only rated current
needs to be considered. Typical motors to be used together with the NJM3772 have a voltage rating of 1 to 6 V,
while the supply voltage usually ranges from 12 to 40 V.
Low inductance, especially in combination with a high supply voltage, enables high stepping rates. However, to
give the same torque capability at low speed, a reduced number of turns in the winding must be compensated by a
higher current. A compromise has to be made.
Choose a motor with the lowest possible winding resistance that still gives the required torque, and use as high
supply voltage as possible, without exceeding the maximum recommended 40 V. Check that the chopping duty
cycle does not exceed 50% at maximum current.
Phase inputs.
A logic HIGH on a Phase input gives a current flowing from pin M
A into pin MB. A logic LOW gives a current flow in
the opposite direction. A time delay prevents cross conduction in the H-bridge when changing the Phase input.
Heat sinking.
Soldering the batwing ground leads onto a copper ground plane of 20 cm2 (approx. 1.8" x 1.8"), copper foil thick-
ness 35
µm, permits the circuit to operate with 750 mA output current, both channels driving, at ambient tempera-
tures up to 70
°C. Consult figures 8, 9, 10 and 11 in order to determine the necessary copper ground plane area for
heat sinking at higher current levels.
Thermal shutdown.
The circuit is equipped with a thermal shutdown function that turns the output off at chip temperatures above
160
°C. Normal operation is resumed when the temperature has decreased.
Operating temperature.
The max recommended operating temperature is 125
°C. This gives an estimated lifelength of about 5 years at
continuous drive, A change of
±10° would increase/decrease the lifelength of the circuit about 5 years.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com