Electronic Components Datasheet Search
  English  ▼

X  

66166 Datasheet(PDF) 1 Page - Micropac Industries

Part # 66166
Description  Surface mountable on ceramic or printed circuit board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66166 Datasheet(HTML) 1 Page - Micropac Industries

  66166 Datasheet HTML 1Page - Micropac Industries 66166 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL:
optosales@micropac.com
66166-XXX
LINEAR OPTOCOUPLER
Mii
OPTOELECTRONIC PRODUCTS
DIVISION
Features:
•
Hermetically sealed 6 pin LCC
•
Surface mountable on ceramic or printed circuit
board
•
High reliability
•
High voltage electrical isolation – 1000 volts
•
Base lead eliminated for improved noise immunity
•
Screened per MIL-STD-883 upon request
DESCRIPTION
The 66166 linear optocoupler consists of one gallium arsenide infrared emitting diode optically coupled to a monolithic silicon
phototransistor detector and is sealed in a miniature ceramic leadless chip carrier. The miniature six pin ceramic package is
ideal for designs where board space and device weight are important design considerations. These devices have been
designed and specified to meet the requirements of switchmode power supplies and other applications requiring very closely
matched current transfer ratios (CTR), linearity and stable performance over the military temperature range. The internal base-
to-pin connection has been eliminated for improved noise immunity. The 66166 is available in commercial (-003), screened in
accordance with MIL-STD-883 (-000), and military temperature (-002) versions or tested to customer specifications.
ABSOLUTE MAXIMUM RATINGS
Lead Solder Temperature……(1/16 inch [1.6mm] from case for 10 seconds) ................................................................... 260°C
Average Input Current ..........................................................................................................................................................25mA
Peak Output Current………………(IF – 50% duty cycle, 1 ms pulse width).........................................................................50mA
Peak Transient Input Current……………..(IF - < µs pulse width, 300pps) .............................................................................1.0 A
Reverse Input Voltage ...........................................................................................................................................................5.0 V
Input Power Dissipation .......................................................................................................................................................45mW
Average Output Current ......................................................................................................................................................8.0mA
Peak Output Current ..........................................................................................................................................................16.0mA
Emitter-Base Reverse Voltage...............................................................................................................................................5.0 V
Supply and Output Voltage ...................................................................................................................................... -0.5 V to 20 V
Base Current ........................................................................................................................................................................5.0mA
Output Power Dissipation...................................................................................................................................................100mW
Package Dimensions
Schematic Diagram
.250 [6 .35]
.240 [6 .10]
PIN 1
ID EN T IF IER
2
0.02 2 [0 .56]
0.02 8 [0 .71]
1
6
5
4
3
0.08 0 [2 .03]
0.06 6 [1 .68]
0.06 0 [1 .53]
0.07 0 [1 .78]
0.08 2 [2 .08]
0.09 8 [2 .49]
U N S P E C IF IE D T O LE R A N C E ± .005 INCHE S
.175 [4 .44]
0.04 5 [1 .14]
0.05 5 [1 .40]
0.09 5 [2 .41]
0.10 5 [2 .67]
A L L DIM E NS IO NS A R E IN INCHE S [M IL L IM E T E R S ]
A
1
K
2
Vc c
6
4
3
GN D
Vo
.165 [4 .19]
NC
5


Similar Part No. - 66166

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66163 MICROPAC-66163 Datasheet
86Kb / 2P
SINGLE CHANNEL OPTOCOUPLERS DIRECT REPLACEMENT FOR 3C91C
66163-001 MICROPAC-66163-001 Datasheet
86Kb / 2P
SINGLE CHANNEL OPTOCOUPLERS DIRECT REPLACEMENT FOR 3C91C
66163-011 MICROPAC-66163-011 Datasheet
86Kb / 2P
SINGLE CHANNEL OPTOCOUPLERS DIRECT REPLACEMENT FOR 3C91C
66163-017 MICROPAC-66163-017 Datasheet
86Kb / 2P
SINGLE CHANNEL OPTOCOUPLERS DIRECT REPLACEMENT FOR 3C91C
66163-101 MICROPAC-66163-101 Datasheet
86Kb / 2P
SINGLE CHANNEL OPTOCOUPLERS DIRECT REPLACEMENT FOR 3C91C
More results

Similar Description - 66166

ManufacturerPart #DatasheetDescription
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
PRINTED CIRCUIT BOARD
logo
Omron Electronics LLC
E3S-LS3N OMRON-E3S-LS3N Datasheet
93Kb / 2P
Printed Circuit Board Sensor
logo
List of Unclassifed Man...
BK-1 ETC2-BK-1 Datasheet
80Kb / 2P
Printed Circuit Board Fuses
logo
Glenair, Inc.
240-801-02 GLENAIR-240-801-02 Datasheet
306Kb / 1P
Printed Circuit Board Versions with PCB or Solder Cup Contacts
logo
Oscilent Corporation
638-680K OSCILENT-638-680K Datasheet
135Kb / 2P
Surface Mountable
logo
PHOENIX CONTACT
1805517 PHOENIX-1805517 Datasheet
71Kb / 4P
Printed-circuit board connector
logo
NTE Electronics
RS1-1D4-21 NTE-RS1-1D4-21 Datasheet
87Kb / 1P
Printed Circuit Board Mountable Solid State Relay, 3 Amp 4 Amp
logo
OptoSupply Internationa...
OSMW05C12GP-XXXXS4C1A-A OPTOSUPPLY-OSMW05C12GP-XXXXS4C1A-A Datasheet
57Kb / 3P
LED strip on flexible printed circuit board
logo
Amphenol Corporation
NPA-300 AMPHENOL-NPA-300 Datasheet
820Kb / 8P
Surface Mountable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com