Electronic Components Datasheet Search
  English  ▼

X  

66166 Datasheet(PDF) 2 Page - Micropac Industries

Part # 66166
Description  Surface mountable on ceramic or printed circuit board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66166 Datasheet(HTML) 2 Page - Micropac Industries

  66166 Datasheet HTML 1Page - Micropac Industries 66166 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL:
optosales@micropac.com
66166-XXX
LINEAR OPTOCOUPLER
ELECTRICAL CHARACTERISTICS
25°C unless otherwise noted
PARAMETER
SYMBOL
MIN
TYP*
MAX
UNITS
TEST CONDITIONS
Current Transfer Ratio
CTR
15
15
15
30
28
25
40
40
40
%
%
%
I
F
= 16mA, VO = 0.50V, Vcc = 4.5V, TA = 25°C
I
F
= 16mA, VO = 0.50V, Vcc = 4.5V, TA = 125°C
I
F
= 16mA, VO = 0.50V, Vcc = 4.5V, TA = -55°C
Logic Low Output Voltage
V
OL
0.40
V
I
F
= 16mA, IO = 2.4mA, Vcc = 4.5V
Logic High Output Current
I
OH
500
1
n
A
µA
I
F
= 0mA, VO = Vcc 5.5V
I
F
= 0mA, VO = Vcc18.0V
Logic Low Supply Current
I
CCL
40
µA
I
F
= 16.0mA, VO = open, Vcc = 18.0V
Logic High Supply Current
I
CCH
1.00
µA
I
F
= 0mA, VO = open, Vcc = 18.0V
Input Forward Voltage
VF
1.7
V
I
F
= 16.0mA
Temperature Coefficient of
Forward Voltage
∆vF/∆TA
-1.80
mV/°C
IF = 16.0mA
Input Reverse Breakdown
Voltage
B
VR
5.0
V
IR = 10.0µA
Input Capacitance
C
IN
42
pF
f = 1.00MHz, V
F
= 0
Input-Output Insulation
Leakage Current
I
10
1.00
µA
45% Relative Humidity, t = 5.0sec
V
10
= 1000Vdc
Input-Output Resistance
R10
1012
Ω
V
10
= 500Vdc
Input-Output Capacitance
C
10
0.50
pF
f = 1.00MHz
Transistor DC Current Gain
h
FE
150
--
V
O
= 5.0V, IO = 3.0mA
SWITCHING SPECIAFICATIONS
TA = 25°C, VCC = 5.0V, IF = 16.0mA, Unless otherwise noted
PARAMETER
SYMBOL
MIN
TYP*
MAX
UNITS
TEST CONDITIONS
Propagation Delay Time to Logic Low at
Output
t
PHL
1.3
µsR
L
= 1.90KΩ
Propagation Delay Time to High Output Level
t
PLH
1.3
µsR
L
= 1.90KΩ
Common Mode Transient immunity at Logic
High Level Output
CHH
1000
V
µsI
F
= 0mA, VCM = 10.0Vp-p’ RL = 1.90KΩ
Common Mode Transient immunity at Logic
Low Level Output
CHL
1000
V
µsV
CM
= 10.0Vp-p’ RL = 1.90KΩ
*All Typical parameters are not tested but guaranteed by design.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com