Electronic Components Datasheet Search
  English  ▼

X  

NJM3774 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM3774
Description  DUAL STEPPER MOTOR DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3774 Datasheet(HTML) 2 Page - New Japan Radio

  NJM3774 Datasheet HTML 1Page - New Japan Radio NJM3774 Datasheet HTML 2Page - New Japan Radio NJM3774 Datasheet HTML 3Page - New Japan Radio NJM3774 Datasheet HTML 4Page - New Japan Radio NJM3774 Datasheet HTML 5Page - New Japan Radio NJM3774 Datasheet HTML 6Page - New Japan Radio NJM3774 Datasheet HTML 7Page - New Japan Radio NJM3774 Datasheet HTML 8Page - New Japan Radio NJM3774 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NJM3774
Figure 2. Pin configurations
C
E
B2
B1
GND
C
RC
V
5
6
7
8
9
10
11
25
24
23
22
21
20
19
VR2
VR1
CC
M
M
1
Phase
2
1
2
VMM1
E1
VMM2
NJM3774FM2
1
2
3
4
5
6
7
8
9
10
11
22
21
20
19
18
17
16
15
14
13
12
C
R2
A1
GND
GND
1
R1
CC
M
V
M
GND
GND
Phase
Dis
RC
V
M
Phase
V
V
2
2
A2
MM2
B2
2
E2
C1
Dis1
VMM1
MB1
E1
NJM
3774D2
s PIN CONFIGURATIONS
s PIN DESCRIPTION
PLCC
DIP
Symbol
Description
1-3, 9, 5, 6
GND
Ground and negative supply. Note: these pins are used thermally for heat-sinking. Make sure that all
13-17 17, 18
ground pins are soldered onto a suitably large copper ground plane for efficient heat sinking.
28
48M
A2
Motor output A, channel 2. Motor current flows from M
A2 to MB2 when Phase2 is HIGH.
59V
MM2
Motor supply voltage, channel 2, +10 to +40 V.V
MM1 and VMM2 should be connected together.
610
E
2
Common emitter, channel 2. This pin connects to a sensing resistor R
S
to ground.
711
M
B2
Motor output B, channel 2. Motor current flows from M
A2 to MB2 when Phase2 is HIGH.
812
M
B1
Motor output B, channel 1. Motor current flows from M
A1 to MB1 when Phase1 is HIGH.
10
13
E
1
Common emitter, channel 1. This pin connects to a sensing resistor R
S
to ground.
11
14
V
MM1
Motor supply voltage, channel 1, +10 to +40 V. V
MM1 and VMM2 should be connected together.
12
15
M
A1
Motor output A, channel 1. Motor current flows from M
A1 to MB1 when Phase1 is HIGH.
18
16
Dis
1
Disable input (TTL level compatible) for channel 1. When HIGH, all four output transistors are turned
off, which results in a rapidly decreasing output current to zero.
19
19
Phase
1
Controls the direction of motor current at outputs M
A1 and MB1. Motor current flows from MA1 to MB1
when Phase
1 is HIGH.
20
20
V
R1
Ref. voltage, channel 1. Controls the threshold voltage for the comparator and hence the output
current.
21
21
C
1
Comparator input channel 1. This input senses the instantaneous voltage across the sensing resistor,
filtered by an RC network. The threshold voltage for the comparator is V
CH1= 0.18 • VR1
[V], i.e. 450
mV at V
R1 = 2.5 V.
22
22
V
CC
Logic voltage supply, nominally +5 V.
23
1
RC
Clock oscillator RC pin. Connect a 15 kohm resistor to V
CC and a 3300 pF capacitor to ground to obtain
the nominal switching frequency of 26.5 kHz.
24
2
C
2
Comparator input channel 2. This input senses the instantaneous voltage across the sensing resistor,
filtered by an RC network. The threshold voltage for the comparator is V
CH2= 0.18 • VR2
[V], i.e. 450 mV
at V
R2 = 2.5 V.
25
3
V
R2
Ref. voltage, channel 2. Controls the threshold voltage for the comparator and hence the output
current.
26
4
Phase
2
Controls the direction of motor current at outputs M
A2 and MB2. Motor current flows from MA2 to MB2
when Phase
2 is HIGH.
27
7
Dis
2
Disable input (TTL level compatible) for channel 2. When HIGH, all four output transistors are turned
off, which results in a rapidly decreasing output current to zero.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com