Electronic Components Datasheet Search
  English  ▼

X  

NJM3774 Datasheet(PDF) 8 Page - New Japan Radio

Part # NJM3774
Description  DUAL STEPPER MOTOR DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3774 Datasheet(HTML) 8 Page - New Japan Radio

  NJM3774 Datasheet HTML 1Page - New Japan Radio NJM3774 Datasheet HTML 2Page - New Japan Radio NJM3774 Datasheet HTML 3Page - New Japan Radio NJM3774 Datasheet HTML 4Page - New Japan Radio NJM3774 Datasheet HTML 5Page - New Japan Radio NJM3774 Datasheet HTML 6Page - New Japan Radio NJM3774 Datasheet HTML 7Page - New Japan Radio NJM3774 Datasheet HTML 8Page - New Japan Radio NJM3774 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
NJM3774
Programming
Figure 8 shows the different input and output sequences for full-step, half-step and modified halfstep operations.
Full-step mode
Both windings are energized at all the time with the same current, I
M1 = IM2. To make the motor take one step, the
current direction (and the magnetic field direction) in one phase is reversed. The next step is then taken when the
other phase current reverses. The current changes go through a sequence of four different states which equal four
full steps until the initial state is reached again.
Half-step mode
In the half-step mode, the current in one winding is brought to zero before a complete current reversal is made. The
motor will then have taken two half steps equalling one full step in rotary movement. The cycle is repeated, but on
the other phase. A total of eight states are sequenced until the initial state is reached again.
Half-step mode can overcome potential resonance problems. Resonances appear as a sudden loss of torque at
one or more distinct stepping rates and must be avoided so as not to loose control of the motor´s shaft position.
One disadvantage with the half-step mode is the reduced torque in the half step positions, in which current flows
through one winding only. The torque in this position is approximately 70 % of the full step position torque.
Modified half-step mode.
The torque variations in half step mode will be elimi-nated if the current is increased about 1.4 times in the halfstep
position. A constant torque will further reduce resonances and mechanical noise, resulting in better performance,
life expectancy and reliability of the mechanical system.
Modifying the current levels must be done by bringing the reference voltage up (or down) from its nominal value
correspondingly. This can be done by using DACs or simple resistor divider networks, as shown in figure 9.
The NJM3774 is designed to handle about 1.4 times higher current in one channel on mode, for example 700
mA per winding in the full-step position, and 1000 mA in the half-step position.
70 % current
level
GND
+5 V
Ref
V
1.2 k
Ω
10 k
Ω
2.2 k
Ω
1.2 k
Ω
10 nF
V
and
V
on
NJM3774
R1
R2
Figure 9. Reduction of reference
voltage at the V
R pin of NJM3774



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com