Electronic Components Datasheet Search
  English  ▼

X  

ISL9205DIRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL9205DIRZ
Description  Li-ion Battery Charger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9205DIRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL9205DIRZ Datasheet HTML 4Page - Intersil Corporation ISL9205DIRZ Datasheet HTML 5Page - Intersil Corporation ISL9205DIRZ Datasheet HTML 6Page - Intersil Corporation ISL9205DIRZ Datasheet HTML 7Page - Intersil Corporation ISL9205DIRZ Datasheet HTML 8Page - Intersil Corporation ISL9205DIRZ Datasheet HTML 9Page - Intersil Corporation ISL9205DIRZ Datasheet HTML 10Page - Intersil Corporation ISL9205DIRZ Datasheet HTML 11Page - Intersil Corporation ISL9205DIRZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FN9252.2
July 28, 2010
FIGURE 7. V2P8 OUTPUT vs INPUT VOLTAGE
FIGURE 8. V2P8 OUTPUT vs ITS LOAD CURRENT
FIGURE 9. rDS(ON) vs TEMPERATURE AT 3.7V OUTPUT
FIGURE 10. rDS(ON) vs OUTPUT VOLTAGE USING CURRENT
LIMITED ADAPTERS
FIGURE 11. INPUT QUIESCENT CURRENT vs INPUT
VOLTAGE
FIGURE 12. INPUT QUIESCENT CURRENT vs TEMPERATURE
Typical Operating Performance
The test conditions for the Typical Operating Performance are: VIN = 5V, TA = +25°C,
RIREF = RIMIN = 100kΩ, VBAT = 3.7V, Unless Otherwise Noted (Continued)
2.80
2.82
2.84
2.86
2.88
2.90
3.5
4.1
4.7
5.3
5.9
6.5
VIN (V)
2.90
2.80
2.82
2.84
2.86
2.88
2.90
0.0
2.0
4.0
6.0
8.0
10.0
V2P8 LOAD CURRENT (mA)
2.88
0.5
0.6
0.7
0.8
0.9
1.0
0
20406080
100
TEMPERATURE (°C)
0.60
0.72
0.84
0.96
1.08
1.20
2.9
3.1
3.3
3.7
3.9
4.1
VBAT (V)
3.5
0.00
0.10
0.20
0.30
0.40
0.50
3.0
3.6
4.2
5.4
6.0
VIN (V)
ENABLED
DISABLED
4.8
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0
20
40
60
80
100
TEMPERATURE (°C)
DISABLED
ENABLED
120
ISL9205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com