Electronic Components Datasheet Search
  English  ▼

X  

ISL9205DIRZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL9205DIRZ
Description  Li-ion Battery Charger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9205DIRZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL9205DIRZ Datasheet HTML 5Page - Intersil Corporation ISL9205DIRZ Datasheet HTML 6Page - Intersil Corporation ISL9205DIRZ Datasheet HTML 7Page - Intersil Corporation ISL9205DIRZ Datasheet HTML 8Page - Intersil Corporation ISL9205DIRZ Datasheet HTML 9Page - Intersil Corporation ISL9205DIRZ Datasheet HTML 10Page - Intersil Corporation ISL9205DIRZ Datasheet HTML 11Page - Intersil Corporation ISL9205DIRZ Datasheet HTML 12Page - Intersil Corporation ISL9205DIRZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FN9252.2
July 28, 2010
Functional Block Diagram
Theory of Operation
The ISL9205 is an integrated charger for single-cell Li-ion or
Li-polymer batteries. The ISL9205 is capable of operating in
two operation modes, linear charge mode and pulse charge
mode. The ISL9205 functions as a traditional linear charger
when powered with a voltage source adapter. When
powered with a current-limited adapter, the charger functions
as a pulse charger by fully turning on the pass element and
the power dissipation is hence drastically reduced.
Constant Current Phase
The ISL9205 starts the charge at a constant current (CC)
phase. The charge current is regulated to fast charge the
battery before the final voltage has been reached. The
charge current is programmable with the IREF pin and has
two operation modes: trickle mode and constant current
mode, depending on the battery voltage. When the battery
voltage is lower than 2.8V, the charger operates in trickle
mode where the charge current is set at 10% of the constant
current mode current. The trickle mode is for preconditioning
a deeply discharged battery. Once the battery voltage is
above the typical 2.8V threshold, the constant current (CC)
mode starts. The constant current is programmable between
50mA to 1A.
Constant Voltage Phase
When the battery reaches the final voltage, the ISL9205
switches the operation to a constant voltage (CV) phase.
The output voltage is regulated at the final voltage value.
LOGIC
STATUS
ISEN
VIN
VBAT
100000:1
CURRENT
MIRROR
COUNTER
+
-
+
-
VMIN
+
-
+
-
VCH
IREF
+
-
FAULT
RECHARGE
MINBAT
VRECHRG
CA
VA
MIN_I
IR
ISEN
IMIN= IR/10
CHRG
STATUS
FAULT
+
-
+
-
INPUT_OK
V POR
TRICKLE/FAST
REFERENCES
V2P8
TEMPERATURE
MONITORING
CURRENT
REFERENCES
IT
TIME
OSC
GND
VIN
Q MAIN
QSEN
R IREF
C1
VSEN
+
80mV
EN
INPUT_OK
ESD DIODE
TEMP
MONITOR
TEMP
ISL9205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com