Electronic Components Datasheet Search
  English  ▼

X  

NJM3777 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM3777
Description  DUAL STEPPER MOTOR DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM3777 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM3777 Datasheet HTML 2Page - New Japan Radio NJM3777 Datasheet HTML 3Page - New Japan Radio NJM3777 Datasheet HTML 4Page - New Japan Radio NJM3777 Datasheet HTML 5Page - New Japan Radio NJM3777 Datasheet HTML 6Page - New Japan Radio NJM3777 Datasheet HTML 7Page - New Japan Radio NJM3777 Datasheet HTML 8Page - New Japan Radio NJM3777 Datasheet HTML 9Page - New Japan Radio NJM3777 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJM3777
Figure 8. Typical thermal resistance vs. PC Board
copper area and suggested layout
Figure 9. Stepping modes
24-pin
EMP
V
R1
Dis
1
Phase
1
Phase
2
Dis
2
I
MA1
I
MA2
100%
–100%
–100%
100%
Full step mode
Half step mode
Modified half step mode
V
R2
140%
100%
140%
100%
140%
–140%
140%
–140%
Thermal resistance [
°C/W]
PCB copper foil area [cm ]
2
80
70
60
50
40
30
20
510
15
20
30
35
25
EMP package
Current sense filtering
At turn-on a current spike occurs, due to the recovery of the recirculation diodes and the capacitance of the motor
winding. To prevent this spike from reseting the flip-flops through the current sensing comparators, the clock
oscillator generates a blanking pulse at turn-on. The blanking pulse pulse disables the comparators for a short time.
Thereby any voltage transient across the sensing resistor will be ignored during the blanking time.
Choose the blanking pulse time to be longer than the duration of the switching transients by selecting a proper C
T
value. The time is calculated as:
t
b = 210 • CT [s]
As the C
T value may vary from approximately 2 200 pF to
33 000 pF, a blanking time ranging from 0.5
µs to 7 µs is
possible. Nominal value is 4 700 pF, which gives a blanking time of 1.0
µs.
As the filtering action introduces a small delay, the peak value across the sensing resistor, and hence the peak
motor current, will reach a slightly higher level than what is defined by the reference voltage. The filtering delay also
limits the minimum possible output current. As the output will be on for a short time each cycle, equal to the digital
filtering blanking time plus additional internal delays, an amount of current will flow through the winding. Typically
this current is 1-10 % of the maximum output current set by R
S.
When optimizing low current performance, the filtering may be done by adding an external low pass filter in series
with the comparator C input. In this case the digital blanking time should be as short as possible. The recom-
mended filter component values are 1 kohm and 820 pF. Lowering the switching fre- quency also helps reducing
the minimum output current.
To create an absolute zero current, the Dis input should be HIGH.
Switching frequency
The frequency of the clock oscillator is set by the timing components R
T and CT at the RC-pin. As CT sets the digital
filter blanking time, the clock oscillator frequency is adjusted by R
T. The value of RT is limited to 2 - 20 kohm. The
frequency is approximately calculated as:
f
s = 1 / ( 0.77 • RT • CT)
Nominal component values of 12 kohm and 4 700 pF results in a clock frequency of 23.0 kHz. A lower frequency
will result in higher current ripple, but may improve low level linearity. A higher clock frequency reduces current
ripple, but increases the switching losses in the IC and possibly the iron losses in the motor.
Phase inputs
A logic HIGH on a Phase input gives a current flowing from pin M
A into pin MB.
A logic LOW gives a current flow in the opposite direction. A time delay prevents cross conduction in the H-bridge
when changing the Phase input.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com